Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 28Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 29Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 30Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 31Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 28
Jan 31, 2025
ISL73041SEH Datasheet
6.10 Bootstrap Voltage Overcharge Protection
Traditional MOSFET applications drive the gate-source voltage anywhere from 10V-15V while retaining both 1)
Low drain-source ON-resistance and 2) reliable operation. GaN FET operation has a much narrower range,
usually around 4.5V to 6V, to maintain low ON-resistance and reliable operation.
The ISL73041SEH provides an integrated PVCC LDO to provide bias to the low-side gate driver. The
ISL73041SEH also features unique circuitry to prevent overcharging the boot voltage in the bootstrap
configuration.
Unlike a MOSFET, there is no body-drain diode in a GaN FET. However, there is still a reverse conduction path
from source to drain with zero gate bias. The source-drain voltage is a function of the reverse current and is
provided in the GaN FET datasheet as the VSD parameter. During dead time, when both high and low-side GaN
FETs are off, the positive current flowing through the inductor is commutated through the low-side FET
source-drain channel. The reverse VSD voltage pulls the PHS node of the ISL73041SEH driver below ground. In
traditional half-bridge drivers with a boot diode implementation, the boot diode is forward-biased, and the
bootstrap capacitor is charged to PVCC + VSD. Depending on the magnitude, this can over-charge the bootstrap
capacitor voltage, which provides the upper gate drive voltage.
Important: Operating the GaN FET with higher than recommended gate voltages is unreliable as this can damage
the GaN FET. The recommended operating gate voltage for Renesas GaN FETs is 4.5V.
The ISL73041SEH implements bootstrap capacitor overcharge protection by replacing an external boot diode with
an internal intelligent boot switch. The boot switch turns on only when PWM = 0V and the PHS voltage is within
±250mV of PGND. This avoids recharging the bootstrap capacitor during dead time, where the PHS voltage can
be excessively negative such that it overcharges the bootstrap capacitor. Figure 49 and Figure 50 highlight the
bootstrap overcharge protection by replacing the boot diode with a boot switch.
Figure 49. BOOT Switch Only
Figure 50. Schottky BOOT Diode Added
UGL
PHS
LGH
LGL
IL
-
Vsd
+
CBOOT
PVCC
External
Boot Diode
Switch
Control
PWM
PHS
PVIN
I1
I2
BOOT-PHS Voltage
Buck Load Current
0A to 15A Transition
BOOT-PHS Voltage
Buck Load Current
0A to 10A Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com