Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL73847SEHDEMO2Z Datasheet HTML 1Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 5
Jan 31, 2025
ISL73041SEH Datasheet
6AVCC
1
The output of the internal 5V LDO regulator for chip bias. Input is VDD. A minimum of 1µF
ceramic decoupling capacitor is necessary on AVCC to SGND.
7
VDD
2
Input supply to chip. Recommended bias range is 4.75V to 18V.
8FB
1
PVCC LDO error amplifier inverting input. A resistor divider network from FB to PVCC and
SGND sets the PVCC LDO output voltage. If FB is connected to PVCC, PVCC output voltage
is 4.5V.
9PVCC
1
Output of the LDO for the gate drive voltage. Recommended PVCC range is 4.5V to 5.5V. A
minimum 1µF ceramic decoupling capacitor is necessary on PVCC to PGND.
10
PGND
-
Low-side driver output reference pin. For typical applications, connect PGND to ground plane
and SGND (PAD). Alternatively, connect PGND directly to the low-side transistor's source
terminal.
11
LGL
5
Low-side sink driver for gate turn-off. Connect this pin to LGH and the GaN FET gate.
12
LGH
4
Low-side source driver for gate turn-on. Connect this pin to LGL and the GaN FET gate.
13
PHS
3
High-side GaN FET source reference. Connect to the phase switching node of the half-
bridge.
14
UGL
7
High-side sink driver for gate turn-off. Connect this pin to UGH and the GaN FET gate.
15
UGH
6
High-side source driver for gate turn-on. Connect this pin to UGL and the GaN FET gate.
16
BOOT
3
High-side bootstrap bias pin. Connect a bootstrap capacitor from this pin to PHS. An internal
bootstrap switch connects PVCC to BOOT when PWM = 0V and PHS voltage is within
250mV of PGND.
PAD
SGND
-
Analog signal GND and package bottom thermal pad. The die substrate is electrically
connected to PAD. Connect to the ground plane.
LID
SGND
-
The package lid is internally connected to the four bottom pads, die substrate and SGND.
Pin
Number
Pin Name
ESD
Circuit
Description
PGND
Package
Pin
PVCC
Package
Pin
0.7V
Clamp
0.7V
Clamp
PHS
Package
Pin
BOOT
Package
Pin
0.7V
Clamp
Circuit 4
Circuit 5
Circuit 6
Circuit 7
0.7V
Clamp
PGND
PGND
PHS
PGND
Package
Pin
Package
Pin
9.6V
Clamp
28.8V
Clamp
BOOT
9.6V Clamp
28.8V
Clamp
Circuit 1
Circuit 2
Circuit 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com