Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 14Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 15Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 12
Jan 31, 2025
ISL73041SEH Datasheet
3.4.2
AC Electrical Specifications
Unless otherwise specified: VDD = 13.2V; EN = VDD; PVCC = 5.5V; CPVCC = 2.2µF; CAVCC = 2.2µF; CBOOT = 100nF to PHS;
PHS = PGND = 0V, TA=25°C. UG is defined as UGH = UGL. LG is defined as LGH = LGL. Boldface specifications apply across
the operating temperature range from TA= -55°C to +125°C and across a total ionizing dose of 75krad(Si) at +25°C with
exposure at a low dose rate of <10mrad(Si)/s.
Parameter
Symbol
Test Conditions
Temp.
Min[1]
Typ[2]
Max[1]
Unit
Dead Time Delay; RDU and RDL
Dead Time Delay
LG falling to UG rising
tDTLU
VDD = 4.75V to 5.85V;
PVCC = BOOT-PHS = 4.5V to 5.5V;
RDU = RDL = 1.3kΩ to GND
-55 to
+125°C
-
6.5
-
ns
VDD = 4.75V to 5.85V;
PVCC = BOOT-PHS = 4.5V to 5.5V;
RDU = RDL = 10kΩ to GND
40
50
55
Dead Time Delay
UG falling to LG rising
tDTUL
VDD = 4.75V to 5.85V;
PVCC = BOOT-PHS = 4.5V to 5.5V;
RDU = RDL = 1.3kΩ to GND
-
6.5
-
ns
VDD = 4.75V to 5.85V;
PVCC = BOOT-PHS = 4.5V to 5.5V;
RDU = RDL = 10kΩ to GND
40
50
55
Dead Time Delay Match
tDTLU - tDTUL
tDTM
VDD = 4.75V to 5.85V;
PVCC = BOOT-PHS = 4.5V to 5.5V;
RDU = RDL = 1.3kΩ to GND
-
-0.2
-
ns
VDD = 4.75V to 5.85V;
PVCC = BOOT-PHS = 4.5V to 5.5V;
RDU = RDL = 10kΩ to GND
-3.5
-
3.5
PWM Propagation Delay
UG Turn-Off
Propagation Delay
PWM Falling to UG
Falling
tPDUG
VDD = 4.75V;
PVCC = BOOT-PHS = 4.5V
-55°C
20
27
32
ns
+25°C
23
29
35
+125°C
27
33
39
+25°C
(Post Rad)
20
29
39
LG Turn-Off
Propagation Delay
PWM Rising to LG Falling
tPDLG
VDD = 4.75V;
PVCC = BOOT-PHS = 4.5V
-55°C
20
27
32
ns
+25°C
23
29
35
+125°C
27
33
39
+25°C
(Post Rad)
20
29
39
Propagation Delay Match
tPDUG - tPDLG
tPDM
VDD = 4.75V;
PVCC = BOOT-PHS = 4.5V
Over-Temperature and Radiation
-55 to
+125°C
-2.5
0
2.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com