Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 28Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 29Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 30Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 31Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 32Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 33Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 34Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 31
Jan 31, 2025
ISL73041SEH Datasheet
The dynamic current from the duty cycle is because of the 500Ω pull-down resistor on LGL and 1kΩ resistor on
UGL. During one switching cycle, the current through these resistors is Equation 7, where R1 is 1kΩ, R2 is 500Ω,
and D is the duty cycle of the gate drive waveform.
6.17 Power Dissipation
The power dissipation calculation for the ISL73041SEH half-bridge driver is more complex compared to typical
half-bridge drivers where most of the power is dissipated by the dynamic operating current of the driver and in the
output driver stage switching the capacitive load of the FET gates. While the dynamic current and output drive
dissipation are still significant portions, the ISL73041SEH total power dissipation must also include the two
internal LDOs, the current to bias the RDU and RDL dead time circuits, and the internal 1kΩ pull-down resistor on
the upper gate driver and the 500Ω pull-down resistor on the lower gate driver as these attributes further increase
the power dissipation. Therefore, VDD biasing voltage, PVCC LDO regulated voltage, programmed dead time,
and even duty cycle operation become factors in the total power dissipation. Use the spreadsheet calculator tool
on the product page to estimate the total power dissipation in the ISL73041SEH driver.
6.18 Dual Complimentary Low-Side GaN FET Driver
The ISL73041SEH can be configured as a dual complementary output low-side driver controlled by the PWM
input. Such an application can be used in synchronous low-side drives of transformer-isolated topologies.
Connect the PHS pin common to PGND to ground the upper driver. Connect the BOOT pin to the PVCC pin to
bypass the boot switch. The upper driver UG is in phase with the PWM input, while the lower driver LG is logically
inverted from PWM. The dead time from UG falling to LG rising and LG falling to UG rising is still enforced by the
dead time resistors on RDU and RDL in this configuration. Either GaN FET may be omitted in this configuration to
use the ISL73041SEH as a single inverting (LG only) or non-inverting (UG only) GaN FET Driver.
(EQ. 7)
I_VDD duty cycle

PVCC
R1
----------------- D PVCC
R2
-----------------
1D
–

+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com