Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 18Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 19Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 21
Jan 31, 2025
ISL73041SEH Datasheet
Figure 34. High-Side Driver VOL and VOH vs
Temperature; 100mA load
Figure 35. Low-Side Driver VOL and VOH vs
Temperature; 100mA load
Figure 36. High-Side Driver Peak Source and Sink
Current vs Temperature
Figure 37. Low-Side Driver Peak Source and Sink
Current vs Temperature
Figure 38. Rise and Fall Times with 470nF on UG and
1000nF on LG vs Temperature; 30% to 70%
Figure 39. Rise and Fall Times with 470nF on UG and
1000nF on LG vs Temperature; 30% to 70%
Unless otherwise specified, typical performance curves are at VDD=12V, PHS=0V; PVCC=4.5V and TA = +25°C.
0
20
40
60
80
100
120
-55
-35
-15
5
25
45
65
85
105
125
Temperature (°C)
VOH_UG
VOL_UG
0
10
20
30
40
50
60
70
80
-55
-35
-15
5
25456585
105
125
Temperature (°C)
VOH_LG
VOL_LG
0
1
2
3
4
5
6
7
-55
-35
-15
5
25
45
65
85
105
125
Temperature (°C)
UG Sink
UG Source
0
2
4
6
8
10
12
-55
-35
-15
5
25
45
65
85
105
125
Temperature (°C)
LG Sink
LG Source
0
100
200
300
400
500
600
700
-55
-35
-15
5
25
45
65
85
105
125
Temperature (°C)
UG Rise
UG Fall
0
100
200
300
400
500
600
700
800
-55
-35
-15
5
25
45
65
85
105
125
Temperature (°C)
LG Rise
LG Fall



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com