Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL73847SEHDEMO2Z Datasheet HTML 1Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Datasheet
R34DS0017EU0104 Rev.1.04
Page 1
Jan 31, 2025
© 2023-2025 Renesas Electronics
The ISL73041SEH is a Radiation Hardened PWM
input 12V Half Bridge GaN FET Driver designed to
drive low rDS(ON) Gallium Nitride FETs for DC/DC
switching regulators. An integrated programmable
GaN FET gate drive voltage, high-side bootstrap
switch, and strong gate drive current provide a
compact and robust GaN FET half-bridge driver.
The ISL73041SEH can interface directly to the
ISL73847SEH dual-phase PWM buck controller to
create a high-efficiency point-of-load regulator to
power many of the latest low voltage high current
FPGA and DSP digital core rails.
Applications
▪ High current DC/DC Point-of-Load (POL) for FPGA
and DSP supply rails
▪ 5V or 12V input to 1V output POL regulation
▪ GaN FET motor driver
▪ Combine with ISL73847SEH DC/DC PWM
controller and Renesas GaN FETs for a complete
DC/DC solution
Features
▪ Qualified to Renesas Rad Hard QML-V Equivalent
Screening and QCI Flow (R34TB0001EU)
• All screening and QCI is in accordance with
MIL-PRF-38535L Class-V
▪ Up to 20V bootstrap voltage half-bridge driver
▪ Programmable 4.5V to 5.5V gate drive voltage
▪ Single tri-level PWM input control
▪ Separate source and sink driver outputs
▪ High-side peak drive: 2A Sourcing, 4A Sinking
▪ Low-side peak drive: 4A Sourcing, 8A Sinking
▪ High and low side programmable dead time control
▪ Highly matched fast propagation delay: 29ns
▪ Full military temperature operation TA = -55°C to
125°C ambient range
▪ TID Rad Hard Assurance (RHA) testing
•LDR (≤ 10mrad(Si)/s): 75krad(Si)
▪ SEE Characterization (see SEE report for details)
• No DSEE with VDD = 20V or PHS = 13.5V at
LET 86MeV·cm2/mg
• No DSEE with VDD = 20V or PHS = 16.5V at
LET 67MeV·cm2/mg
• SEFI <10µm2 at 86MeV·cm2/mg
• No Half-Bridge Shoot-Through SET at LET
86MeV·cm2/mg
Figure 1. Typical Application Schematic: 2-Phase Controller + Bridge Driver + GaN FETs
for 12V Input, 1.0V Output, 50A DC/DC Converter
FLT
Half Bridge
Driver
ISL73041SEH
VFB+
VFB-
COMP
PWM1
ISEN1+
ISEN1-
ISEN2+
ISEN2-
PWM2
IMON
DROOP
VREF
SS
Half Bridge
Driver
ISL73041SEH
VBUS
VOUT
PWM
PWM
VBUS
2ph PWM Controller
ISL73847
SLOPE
FLT
FLT
ISL73041SEH
Radiation Hardened 12V Half-Bridge GaN FET Driver


Similar Part No. - ISL73847SEHDEMO2Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 43P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 44P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Jul 24, 2024
ISL73847SEHEV2Z RENESAS-ISL73847SEHEV2Z Datasheet
1Mb / 43P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
ISL73847SEHEV2Z RENESAS-ISL73847SEHEV2Z Datasheet
1Mb / 44P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Jul 24, 2024
ISL73847SEHF RENESAS-ISL73847SEHF Datasheet
1Mb / 44P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Jul 24, 2024
More results

Similar Description - ISL73847SEHDEMO2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2100RH INTERSIL-HS-2100RH Datasheet
73Kb / 2P
Radiation Hardened High Frequency Half Bridge Driver
June 1999
HS-4080ARH INTERSIL-HS-4080ARH Datasheet
82Kb / 4P
Radiation Hardened Full Bridge N-Channel FET Driver
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
Radiation Hardened Complementary Switch FET Driver
August 2000
IS-2100ARH INTERSIL-IS-2100ARH Datasheet
61Kb / 2P
Radiation Hardened High Frequency Half Bridge Driver
April 2003
IS-2100AEH INTERSIL-IS-2100AEH Datasheet
114Kb / 2P
Radiation Hardened High Frequency Half Bridge Drivers
August 28, 2012
logo
Renesas Technology Corp
ISL70040SEH RENESAS-ISL70040SEH Datasheet
1Mb / 20P
Radiation Hardened Low-Side GaN FET Driver
Jul 30, 2021
ISL71040M RENESAS-ISL71040M Datasheet
768Kb / 24P
Radiation Tolerant Low-Side GaN FET Driver
Dec 15, 2022
ISL73033SLHM RENESAS-ISL73033SLHM Datasheet
477Kb / 15P
Radiation Hardened Driver-GaN Power Stage with 100V GaN FET
Jul 30, 2021
logo
Texas Instruments
TPS7H6003-SP TI1-TPS7H6003-SP Datasheet
1Mb / 37P
TPS7H6003-SP Radiation-Hardness-Assured 200-V, 1.3-A, 2.5-A, Half Bridge GaN FET Gate Driver
JULY 2023
TPS7H6003-SP TI1-TPS7H6003-SP_V01 Datasheet
2Mb / 47P
TPS7H60x3-SP Radiation-Hardness-Assured 1.3-A, 2.5-A, Half Bridge GaN FET Gate Drivers
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com