Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 14Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 15Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 16Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 14
Jan 31, 2025
ISL73041SEH Datasheet
LG Fall Time
tLGF
VDD = 4.75V;
PVCC = BOOT-PHS = 4.5V
LG CLOAD = 10nF; 90% to 10%
-55 to
+125°C
--
30
ns
VDD = 4.75V;
PVCC = BOOT-PHS = 4.5V
LG CLOAD = 940nF; 70% to 30%
-55°C
160
240
340
+25°C
220
270
380
+125°C
260
350
420
+25°C
(Post Rad)
160
280
420
Mode Transition Delay
PVCC Start-Up Delay
-
VDD = 4.75V; PVCC = FB;
CPVCC = 1.0µF;
EN High to PVCC crossing 0.5V
--
115
-
µs
PVCC Start-Up Time
-
VDD = 4.75V; PVCC = FB;
CPVCC = 1.0µF;
PVCC rise time from 0.45V to 4.05V
(10% to 90% of 4.5V)
--
15
-
µs
EN High to Driver Output
Enabled Delay Time
tENR
VDD = PVCC = FB = BOOT-PHS = 4.75V
-55 to
+125°C
70
95
130
µs
EN Low to Driver Output
Disabled Delay Time
tENF
EN Low to UG Off; PWM = 5V
EN Low to LG Off; PWM = 0V
-4
8
µs
FLT Low to LG Output
Falling
tFLTF
VDD = 4.75V;
PVCC = BOOT-PHS = 4.5V; EN = VDD;
PWM = 0V; FLT exercised as an input pin
High to Low
-
200
300
ns
FLT High to LG Output
Rising
tFLTR
VDD = 4.75V;
PVCC = BOOT-PHS = 4.5V; EN = VDD;
PWM = 0V; FLT exercised as an input pin
Low to High
-
300
400
ns
PVCC Falling Below
UVLO to FLT Falling
Delay
tPVCCF
FB = PVCC
-
-
0.6
-
µs
PVCC Falling Below
UVLO to UG Falling
Delay
FB = PVCC; PWM = 5V
-
-
0.8
-
µs
PVCC Falling Below
UVLO to LG Falling
Delay
FB = PVCC; PWM = 0V
-
-
0.5
-
µs
Unless otherwise specified: VDD = 13.2V; EN = VDD; PVCC = 5.5V; CPVCC = 2.2µF; CAVCC = 2.2µF; CBOOT = 100nF to PHS;
PHS = PGND = 0V, TA=25°C. UG is defined as UGH = UGL. LG is defined as LGH = LGL. Boldface specifications apply across
the operating temperature range from TA= -55°C to +125°C and across a total ionizing dose of 75krad(Si) at +25°C with
exposure at a low dose rate of <10mrad(Si)/s.
Parameter
Symbol
Test Conditions
Temp.
Min[1]
Typ[2]
Max[1]
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com