Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 28Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 29Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 26
Jan 31, 2025
ISL73041SEH Datasheet
6.5
PVCC and BOOT Undervoltage Lockout (UVLO)
The ISL73041SEH integrates a PVCC UVLO and a BOOT UVLO to prevent undervoltage gate drive to the half-
bridge GaN FETs. The PVCC UVLO rising and falling thresholds are relative to the set voltage of PVCC, while the
BOOT UVLO is at a fixed threshold.
Under a PVCC UVLO condition, the high-side and low-side driver outputs do not respond to PWM input
commands. Under a BOOT UVLO condition, only the high-side driver does not respond to PWM input commands.
6.6
Enable Control
The EN pin controls the start-up of the driver. When EN = 0, the PVCC LDO is disabled. With no PVCC voltage,
the FLT pin pulls low to indicate a driver's not-ready condition, and the driver outputs are in a high-impedance
state. When EN = 1, the PVCC LDO is enabled, and if no other fault conditions exist, it releases the FLT pin and
enables the driver outputs. The delay time between EN logic high and the PVCC LDO start-up is typically 115µs.
The EN pin is VDD voltage compatible and can be tied to VDD for always-enabled applications.
6.7
PWM Operation
Because of the tri-level input thresholds, the PWM pin is designed only for 0V to 5V logic level operation with a
high-impedance float or external drive to establish the mid-level. In the high-impedance float state, internal pull-up
and pull-down resistors bias the PWM pin at 2V. When PWM is logic high, the high-side driver is on, and the
low-side driver is off. When PWM is logic low, the low-side driver is on, and the high-side driver is off. When PWM
is at mid-level, both drivers are off.
The PWM operating frequency range is limited on the low end by the boot capacitance on the BOOT to PHS pin to
keep the boot circuit biased. As long as sufficient boot bias exists, there is no lower limit on the PWM frequency.
The upper PWM frequency is limited by acceptable signal propagation and dead time delays. The typical
minimum PWM pulse width for logic high and low to change the driver output state is 20ns.
6.8
Dead Time Control Resistor Setting
The RDU and RDL pins set the rising edge dead time delay for the low-side and high-side drivers. The RDU pin
controls UGH rising edge delay respective to the LGL falling edge. The RDL pin controls LGH rising edge delay
respective to the UGL falling edge. A resistor to ground on RDU and RDL is required to set the dead time delay. A
1.2V reference voltage on RDU and RDL forces a current through the external resistors. This current is used to
program the dead time delay. The dead time delay programmable range is from 6.5ns to 50ns using a 1.3kΩ to
10kΩ resistor. From the Typical Performance Curves Figure 14 and Figure 15, dead times beyond 50ns can be
achieved, but the accuracy and dead-time matching performance is not guaranteed per the Electrical
Specifications.
Use Equation 2 to calculate the resistor value for a required dead time:
Although not recommended due to no Electrical Performance testing with using resistance larger than 10kΩ, if
using dead time larger than 50ns, use Equation 3 to determine resistor value.
(EQ. 2)
(EQ. 3)
RDU or RDL k

Dead Time ns

 5.0
=
RDU or RDL k

Dead Time ns
 6.5
+
 5.4
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com