Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 29Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 30Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 31Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 32Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 33Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 34Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 35Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 36Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 33
Jan 31, 2025
ISL73041SEH Datasheet
▪ Route the PHS pin to the switch node of the half-bridge power stage with a short and wide trace to minimize
inductance and loop area.
▪ For the low-side drive, the PVCC capacitor, PVCC and PGND pins, low-side driver gate outputs, low-side FET
gate, and GND plane form a current loop during FET turn on and turn off. For the high-side drive, the bootstrap
capacitor, the BOOT and PHS pins, the high-side driver gate outputs, the high-side FET gate, and the switch
node form a current loop during FET turn-on and turn-off. Keep these loops short and wide, and avoid
overlapping with other sensitive signals.
▪ Size the phase node of the half-bridge (high-side FET source and low-side FET drain) area to handle the
current and thermal dissipation from the FETs and switching load. The phase node copper area usually ends up
being a significantly large shape. In addition, the phase node is where high voltage and high dv/dt switching
occurs. In general, there are two layout practices for handling the phase node. One recommendation is to
remove any conductors (including ground) that overlap the phase node on the adjacent layer of the PCB. The
other recommendation is to repeat the phase node shape on every layer of the PCB. Both methods minimize
the capacitive coupling of noise into the GND plane and prevent any sensitive analog signals from being routed
underneath the phase node and causing unintentional common mode noise.
7.2
Layout Example
RDU
Resistor
RDL
Resistor
AVCC
Capacitor
VDD
Capacitor
PVCC
Capacitor
BOOT
Capacitor
Upper Gate
Resistors
Lower Gate
Resistors
Upper GaN FET
Lower GaN FET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com