Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet (PDF) - Cirrus Logic

CS5180 Datasheet PDF - Cirrus Logic
Part # CS5180
Download  CS5180 Download
File Size   1111.7 Kbytes
Page   28 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Modulator & 8 kHz to 400 kHz 16-Bit ADC

CS5180 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5180 Datasheet PDF - Cirrus Logic

Part # CS5180
Download  CS5180 Click to download

File Size   1111.7 Kbytes
Page   28 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Modulator & 8 kHz to 400 kHz 16-Bit ADC

CS5180 Datasheet (HTML) - Cirrus Logic


CS5180 Product details

Description
CS5180 is a fully calibrated high-speed ∆Σ analog-todigital converter, capable of 400 kSamples/second output word rate (OWR). The OWR scales with the master clock. It consists of a 5th order ∆Σ modulator, decimation filter, and serial interface.

Features
● 16-Bit Delta-Sigma A/D Converter
● Fully Differential Input with 4.0 Vpp Range
● Dynamic Range: 93 dB
● Spurious Free Dynamic Range: 96 dB
● Total Harmonic Distortion: -95 dB @ 22 kHz
● Up to 400 kHz Output Word Rate
● No Missing Codes
● Non-Aliasing Low-Pass Digital Filter
● High Speed 3-Wire Serial Interface
● Supply Options:
    - VA+ = 5 V, VD+ = 5 V, 690 mW
    - VA+ = 5 V, VD+ = 3 V, 368 mW
● Modulator Output Mode
● Power Down Mode




Similar Part No. - CS5180

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5181 CIRRUS-CS5181 Datasheet
833Kb / 24P
Modulator & 400 kHz to 625 kHz 16-Bit ADC
CS5181-BL CIRRUS-CS5181-BL Datasheet
833Kb / 24P
Modulator & 400 kHz to 625 kHz 16-Bit ADC
More results


Similar Description - CS5180

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1385 AD-AD1385 Datasheet
348Kb / 20P
16-Bit 500 kHz Wide Temperature Range Sampling ADC
AD1392 AD-AD1392 Datasheet
1Mb / 16P
16-Bit 500 kHz Sampling ADC
AD7721 AD-AD7721 Datasheet
259Kb / 16P
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV.A
logo
Cirrus Logic
CS5181 CIRRUS-CS5181 Datasheet
833Kb / 24P
Modulator & 400 kHz to 625 kHz 16-Bit ADC
logo
Analog Devices
AD1837 AD-AD1837 Datasheet
523Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
7/03-Data Sheet changed from REV. A to REV. B.
logo
List of Unclassifed Man...
AK5357 ETC-AK5357 Datasheet
126Kb / 18P
24 BIT 96 KHZ ADC
logo
Analog Devices
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835A AD-AD1835A_15 Datasheet
281Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD7721 AD-AD7721_15 Datasheet
263Kb / 16P
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7721 AD-AD7721_17 Datasheet
297Kb / 17P
CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
23-Feb-2017
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com