Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5180
Description  Modulator & 8 kHz to 400 kHz 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5180 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5180 Datasheet HTML 1Page - Cirrus Logic CS5180 Datasheet HTML 2Page - Cirrus Logic CS5180 Datasheet HTML 3Page - Cirrus Logic CS5180 Datasheet HTML 4Page - Cirrus Logic CS5180 Datasheet HTML 5Page - Cirrus Logic CS5180 Datasheet HTML 6Page - Cirrus Logic CS5180 Datasheet HTML 7Page - Cirrus Logic CS5180 Datasheet HTML 8Page - Cirrus Logic CS5180 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CS5180
5
ANALOG CHARACTERISTICS (Continued)
Notes: 7. All outputs unloaded. All digital inputs except MCLK held static at VD+ or DGND.
8. Power consumption when PWDN = 0 applies only with no master clock applied (MCLK held high or low).
9. Measured with a 100 mVpp sine wave on the VA+ supplies at a frequency of 100 Hz.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supplies
Power Supply Current (MODE = 1, PWDN =1)
(Note 7)
VA1+, VA2+ = 5 V
VD1+, VD2+ = 5 V
VD1+, VD2+ = 3 V
-
-
-
46
92
46
55
110
55
mA
mA
mA
Power Supply Current (MODE = 1, PWDN =0) (Notes 7, 8)
VA1+, VA2+ = 5 V
VD1+, VD2+ = 5 V
VD1+, VD2+ = 3 V
-
-
-
3.7
0.068
0.060
6
0.2
0.2
mA
mA
mA
Power Supply Current (MODE = 0, PWDN =1)
(Note 7)
VA1+, VA2+ = 5 V
VD1+, VD2+ = 5 V
VD1+, VD2+ = 3 V
-
-
-
46
15
8.5
55
20
11.0
mA
mA
mA
Power Supply Current (MODE = 0, PWDN =0) (Notes 7, 8)
VA1+, VA2+ = 5 V
VD1+, VD2+ = 5 V
VD1+, VD2+ = 3 V
-
-
-
3.7
0.068
0.060
6
0.2
0.2
mA
mA
mA
Power Supply Rejection
(Note 9)
PSRR
-
55
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com