Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5180
Description  Modulator & 8 kHz to 400 kHz 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5180 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5180 Datasheet HTML 8Page - Cirrus Logic CS5180 Datasheet HTML 9Page - Cirrus Logic CS5180 Datasheet HTML 10Page - Cirrus Logic CS5180 Datasheet HTML 11Page - Cirrus Logic CS5180 Datasheet HTML 12Page - Cirrus Logic CS5180 Datasheet HTML 13Page - Cirrus Logic CS5180 Datasheet HTML 14Page - Cirrus Logic CS5180 Datasheet HTML 15Page - Cirrus Logic CS5180 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
CS5180
12
The data from the modulator is output from
SDO/SDO in RTZ (Return to Zero) format. The
circuit in Figure 6 can be used to reconstruct the
data so it can be captured with the rising or falling
edge of MCLK.
Table 2 illustrates the magnitude of the input signal
into the chip versus the ones density out of the
modulator. The table does not take into account the
potential offset and gain errors of the modulator
and their effect on the ones density.
Figure 7 and Figure 8 illustrate magnitude versus
frequency plots of the modulator bitstream when
running at 25.6 MHz.
Fully Differential Bipolar
Input Voltage2
Modulator Ones
Density3
VFS
75%
0
50%
-VFS
25%
Notes: 2. VFS =VREFIN x 1.6
3. Ones density is approximate; it does not
take offset and gain errors into
consideration.
Table 2. Modulator-Only Mode Ones Density.
MCLK
Modulator
Data
SDO
Reconstructed
Data
SDO
Figure 5. Modulator Only Mode Data RTZ Format.
SDO
Reconstructed
Data
SDO
Reconstructed
Data
Figure 6. Circuit to Reconstruct
Return-to-Zero (RTZ) Data from
SDO/SDO into Original Modulator Bitstream.
Figure 7. Magnitude versus frequency spectrum of
modulator bitstream
(MCLK = 25.6 MHz).
Figure 8. Expanded view of the magnitude versus fre-
quency spectrum of modulator bitstream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com