Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5180
Description  Modulator & 8 kHz to 400 kHz 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5180 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5180 Datasheet HTML 16Page - Cirrus Logic CS5180 Datasheet HTML 17Page - Cirrus Logic CS5180 Datasheet HTML 18Page - Cirrus Logic CS5180 Datasheet HTML 19Page - Cirrus Logic CS5180 Datasheet HTML 20Page - Cirrus Logic CS5180 Datasheet HTML 21Page - Cirrus Logic CS5180 Datasheet HTML 22Page - Cirrus Logic CS5180 Datasheet HTML 23Page - Cirrus Logic CS5180 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
CS5180
20
Resolution - N
The number of different output codes possible. Expressed as N, where 2N is the number of
available output codes.
Noise -
A measure of the variability of the converter’s output when a fixed DC input (usually ground)
is applied to the input and a large number of samples are taken. RMS noise is determined
statistically as the Standard Deviation of the Probability Density Function derived from the
histogram of the ADC with the differential inputs shorted together and tied to an appropriate
common mode voltage.
Common Mode Rejection Ratio - CMRR
A measure of the device’s ability to cancel out the effect of a common voltage applied to both
of its differential inputs. CMRR is specified as the ratio of the differential signal gain to the
gain for the common-mode signal. Units in dB.
Offset Drift -
Changes in the offset error of the part after self calibration due to changes in ambient
temperature. Specified in microvolts per degree C, relative to the input signal.
Full Scale Drift -
Changes in the full scale error of the part after self calibration due to changes in ambient
temperature. Specified in parts-per-million (PPM) of the full scale range per degree C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com