Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5180
Description  Modulator & 8 kHz to 400 kHz 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5180 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5180 Datasheet HTML 18Page - Cirrus Logic CS5180 Datasheet HTML 19Page - Cirrus Logic CS5180 Datasheet HTML 20Page - Cirrus Logic CS5180 Datasheet HTML 21Page - Cirrus Logic CS5180 Datasheet HTML 22Page - Cirrus Logic CS5180 Datasheet HTML 23Page - Cirrus Logic CS5180 Datasheet HTML 24Page - Cirrus Logic CS5180 Datasheet HTML 25Page - Cirrus Logic CS5180 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
CS5180
22
the single amplifier circuit of Figure 12 because the
inputs to the CS5180 are driven differentially. The
400 and 100
Ω output divider scales down the input
from the amplifier. The scaling should be opti-
mized for the application. Figure 16 illustrates the
performance of the converter when using this am-
plifier circuit.
The amplifier of Figure 17 uses three amplifiers
and can accept a ground referenced signal or a fully
differential signal. Figure 18 illustrates its perfor-
mance when driven with 57.6 kHz signal.
Figure 19 illustrates a four amplifier circuit which
gives the best performance by keeping everything
balanced. Performance is generally limited by the
amplifiers. Again, the output resistors are used to
scale down the input signal. Figures 20 and 21 il-
20 µF
2k
Ω
10 k
Ω
+
-
+15
-15
2k
Ω
2k
Ω
+
-
2k
Ω
2200 pF
100
Ω
2200 pF
400
Ω
400
Ω
+
+
AIN+
AIN-
VREFOUT
CS5180
0.1 µF
10 µF
0.1 µF
U1
U2
0.1 µF
+15
0.1 µF
-15
0.1 µF
Figure 15. AC-coupled driver using two amplifiers.
Figure 16. Performance of amplifier in Figure 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com