Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5180
Description  Modulator & 8 kHz to 400 kHz 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5180 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5180 Datasheet HTML 14Page - Cirrus Logic CS5180 Datasheet HTML 15Page - Cirrus Logic CS5180 Datasheet HTML 16Page - Cirrus Logic CS5180 Datasheet HTML 17Page - Cirrus Logic CS5180 Datasheet HTML 18Page - Cirrus Logic CS5180 Datasheet HTML 19Page - Cirrus Logic CS5180 Datasheet HTML 20Page - Cirrus Logic CS5180 Datasheet HTML 21Page - Cirrus Logic CS5180 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
CS5180
18
MODE — Modulator Mode
MODE is held at a logic high for normal operation. In normal operation the device utilizes the
digital decimation filter and calibration circuitry. MODE = 0 puts the part in modulator-only
mode whereby most of the digital circuitry is powered-down and the modulator bit-stream is
output from the SDO and SDO pins.
SYNC — Synchronization of Filter
The SYNC input can be used to restart the digital filter of the converter at the beginning of its
convolution cycle. The SYNC input is used to synchronize the filters of multiple converters in
a system. When the SYNC pin goes high, the filter will be initialized and will begin its
convolution cycle on the next rising edge of MCLK. If not used, tie sync to DGND.
MFLAG — Invalid Conversion Flag
MFLAG goes high if the modulator portion of the converter goes unstable. If MFLAG is high,
the output data from the converter may be invalid.
MCLK, MCLK — Master Clock Signal
Master clock input accepts a CMOS level clock input to the converter with worst case duty
cycle of 45-55% (typically 25.6 MHz). MCLK is not actually used inside the device, but can
be used for radiated noise cancellation if MCLK and MCLK are run adjacent to each other on
the PC board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com