Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5180
Description  Modulator & 8 kHz to 400 kHz 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5180 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5180 Datasheet HTML 20Page - Cirrus Logic CS5180 Datasheet HTML 21Page - Cirrus Logic CS5180 Datasheet HTML 22Page - Cirrus Logic CS5180 Datasheet HTML 23Page - Cirrus Logic CS5180 Datasheet HTML 24Page - Cirrus Logic CS5180 Datasheet HTML 25Page - Cirrus Logic CS5180 Datasheet HTML 26Page - Cirrus Logic CS5180 Datasheet HTML 27Page - Cirrus Logic CS5180 Datasheet HTML 28Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
CS5180
25
Figure 22. CS5180 Differential Non-linearity plot.
(Data taken with repeating ramp)
Figure 23. Histogram of DNL from Figure 22
105
10684
12085
192
42468
0
10000
20000
30000
40000
50000
DNL (LSB) Range
Figure 24. CS5180 Noise Histogram, > 60,000 samples.
146
88
33885
31415
0
10000
20000
30000
40000
FFF6
FFF5
FFF4
FFF3
Code (Hexadecimal)
1LSB = 61 µV
STD = 0.507 LSB
Noise (rm s) = 31 µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com