Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5180
Description  Modulator & 8 kHz to 400 kHz 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5180 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5180 Datasheet HTML 12Page - Cirrus Logic CS5180 Datasheet HTML 13Page - Cirrus Logic CS5180 Datasheet HTML 14Page - Cirrus Logic CS5180 Datasheet HTML 15Page - Cirrus Logic CS5180 Datasheet HTML 16Page - Cirrus Logic CS5180 Datasheet HTML 17Page - Cirrus Logic CS5180 Datasheet HTML 18Page - Cirrus Logic CS5180 Datasheet HTML 19Page - Cirrus Logic CS5180 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
CS5180
16
PIN DESCRIPTION
Supply Inputs
VA1+, VA2+ — Positive Analog Supply
Input for positive analog supply is +5 V typical when AGND is 0 V.
AGND — Analog Ground
Analog ground for circuits supplied by VA+.
VD1+, VD2+ — Positive Digital Supply
Input for positive digital supply is +5 V typical when DGND is 0 V.
DGND — Digital Ground
Digital ground for circuits supplied by VD+.
Signal and Reference Related Inputs
AIN+, AIN- — Differential Analog Inputs
Fully differential signal inputs.
VREFIN — Voltage Reference Input
VREFOUT or an external reference is connected to VREFIN. Analog input voltage (full scale
fully differential peak-to-peak) into the converter is 1.6 times this value.
Analog Ground
AGND
Pos. Reference
VREF+
VA1+
Positive Analog Supply
Neg. Reference
VREF-
AIN-
Negative Analog Input
Reference Output VREFOUT
AIN+
Positive Analog Input
Pos. Reference Input
VREFIN
PWDN
Power Down Mode
Reference Bypass
VREFCAP
MODE
Modulator Only Mode
Analog Ground
AGND
RESET
Reset and Calibration
Analog Supply
VA2+
DGND
Digital Ground
Invalid Conversion
MFLAG
VD1+
Positive Digital Supply
Sync. Filter
SYNC
MCLK
Master Clock
Digital Ground
DGND
MCLK
Inverse Master Clock
Pos. Digital Supply
VD2+
AGND
Analog Ground
Inverse Serial Clock
SCLK
FSO
Frame Sync Output
Serial Clock
SCLK
SDO
Serial Data Out
SDO
Inverse Serial Data Out\
CS5180
1
2
3
428 27 26
5
6
7
8
9
10
11
12 13 14 15 16 17
19
20
21
22
23
24
25
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com