Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5180
Description  Modulator & 8 kHz to 400 kHz 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5180 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5180 Datasheet HTML 2Page - Cirrus Logic CS5180 Datasheet HTML 3Page - Cirrus Logic CS5180 Datasheet HTML 4Page - Cirrus Logic CS5180 Datasheet HTML 5Page - Cirrus Logic CS5180 Datasheet HTML 6Page - Cirrus Logic CS5180 Datasheet HTML 7Page - Cirrus Logic CS5180 Datasheet HTML 8Page - Cirrus Logic CS5180 Datasheet HTML 9Page - Cirrus Logic CS5180 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
CS5180
6
DYNAMIC CHARACTERISTICS
DIGITAL CHARACTERISTICS (T
A = 0 °C to 70 °C; VA+=5V ±5%; AGND = DGND =0V)
Parameter
Symbol
Min
Typ
Max
Unit
Modulator Sampling Frequency
-
MCLK
-
Hz
Output Word Rate
-
MCLK/64
-
Hz
Filter Characteristics
(Note 2)
-3 dB Corner
-
MCLK/142.3804
-
Hz
Passband Ripple
-
-
±0.05
dB
Stopband Frequency
-
MCLK/128
-
Hz
Stopband Rejection
90
-
-
dB
Group Delay
-
2370/MCLK
-
s
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
VD+ = 5 V
VD+ = 3 V
VIH
VIH
4.0
2.0
-
-
-
-
V
V
Low-Level Input Voltage
VD+ = 5 V
VD+ = 3 V
VIL
VIL
-
-
-
-
0.8
0.8
V
V
High-Level Output Voltage (IO = -100 µA)
VD+ = 5 V
VD+ = 3 V
VOH
VOH
4
2.7
-
-
-
-
V
V
Low-Level Output Voltage (IO = 100 µA)
VD+ = 5 V
VD+ = 3 V
VOL
VOL
-
-
-
-
0.4
0.3
V
V
Input Leakage Current
VD+ = 5 V
VD+ = 3 V
Iin
Iin
-
-
±1
±1
±10
±10
µA
µA
Input Capacitance
Cin
-6
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com