Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5180
Description  Modulator & 8 kHz to 400 kHz 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5180 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5180 Datasheet HTML 17Page - Cirrus Logic CS5180 Datasheet HTML 18Page - Cirrus Logic CS5180 Datasheet HTML 19Page - Cirrus Logic CS5180 Datasheet HTML 20Page - Cirrus Logic CS5180 Datasheet HTML 21Page - Cirrus Logic CS5180 Datasheet HTML 22Page - Cirrus Logic CS5180 Datasheet HTML 23Page - Cirrus Logic CS5180 Datasheet HTML 24Page - Cirrus Logic CS5180 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
CS5180
21
APPENDIX A: CIRCUIT APPLICATIONS
Several amplifier circuits have been tested with the
CS5180. Performance at higher frequencies is gen-
erally limited by the operational amplifiers used to
drive the A/D converter.
Figure 12 illustrates a single operational amplifier
circuit which can accept a single-ended ground-ref-
erenced signal and condition it for the input of the
CS5180. The amplifier is AC-coupled to the signal
source. In this circuit the AIN- input to the CS5180
is held at a constant DC value and the AIN+ input
is driven (it is actually overdriven to achieve high
dynamic range, but this sacrifices performance
with regard to distortion). The common mode volt-
age for the CS5180 input should be designed to
stay between 1 V and VREF + 0.25 V when driven
at its AIN+ and AIN- inputs. In Figure 12 the dc
voltage at the AIN- input is set so that when driven
with a 4 Vpp signal on the AIN+ pin, the common
mode voltage remains within the proper range.
Figures 13 and 14 illustrate the performance of the
amplifier of Figure 12 operating with a 4 Vpp input
into the AIN+ input; and with 2 Vpp input into the
AIN+ input respectively.
Figure 15 illustrates an AC-coupled two amplifier
circuit. This circuit gives better performance than
0.15
C0G
10 k
Ω
+
-
+15
-15
20
Ω
+
AIN-
VREFOUT
CS5180
10 k
Ω
2200 pF
20
Ω
2200 pF
5k
Ω
10 µF ++
10 µF
0.1 µF
1k
Ω
AIN+
0.1 µF
0.1 µF
U1
Figure 12. Single amplifier driving only AIN+, AIN- held at steady dc value
Figure 13. Performance of amplifier of Figure 12 over-
driving AIN+ input to the CS5180 at 4 VPP
Figure 14. Performance of amplifier of Figure 12 with
AIN+ driven at 2 VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com