Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5180
Description  Modulator & 8 kHz to 400 kHz 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5180 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5180 Datasheet HTML 13Page - Cirrus Logic CS5180 Datasheet HTML 14Page - Cirrus Logic CS5180 Datasheet HTML 15Page - Cirrus Logic CS5180 Datasheet HTML 16Page - Cirrus Logic CS5180 Datasheet HTML 17Page - Cirrus Logic CS5180 Datasheet HTML 18Page - Cirrus Logic CS5180 Datasheet HTML 19Page - Cirrus Logic CS5180 Datasheet HTML 20Page - Cirrus Logic CS5180 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
CS5180
17
VREF+ — Positive Voltage Reference
Filter capacitor connection for the reference input buffer. The voltage on this pin equals
VREFINX1.6.
VREF- — Negative Voltage Reference
VREF- is connected to AGND.
VREFOUT — Voltage Reference Output
Output pin for the 2.375 volt on-chip reference relative to AGND.
VREFCAP — Reference Bypass
Filter capacitor connection for the internal reference.
Serial Interface I/O Signals
SCLK, SCLK — Serial Interface Clock
Serial Clock Output. A gated serial clock output from the converter at a rate equal to 1/3 the
MCLK clock rate. The SCLK output is a complement of SCLK and helps reduce radiated noise
if the two lines are run adjacent on the PC board layout.
SDO, SDO —SerialDataOut
Serial Data Output. Output pin for 16-bit serial data word. The SDO output is the complement
of SDO and helps to reduce radiated noise if the two lines are run adjacent on the PC board
layout. Output data is output in twos complement format MSB first.
FSO — Frame Sync Output
The Frame Sync Output indicates the beginning of an output word from the SDO pin by falling
to a logic low state. FSO remains low until all 16 bits are clocked out.
Control Pins
RESET — Reset and Calibration
When the RESET pin is pulled to a logic low the converter will perform a reset of its digital
logic. When the level on this pin is brought back to a logic high the chip starts normal
operation, following a two clock cycle delay period. When MODE = 1 the chip goes through
an internal gain and offset calibration routine following this reset sequence.
PWDN — Power Down Mode
A logic 0 on PWDN pin will put the device into a power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com