Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5180
Description  Modulator & 8 kHz to 400 kHz 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5180 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5180 Datasheet HTML 1Page - Cirrus Logic CS5180 Datasheet HTML 2Page - Cirrus Logic CS5180 Datasheet HTML 3Page - Cirrus Logic CS5180 Datasheet HTML 4Page - Cirrus Logic CS5180 Datasheet HTML 5Page - Cirrus Logic CS5180 Datasheet HTML 6Page - Cirrus Logic CS5180 Datasheet HTML 7Page - Cirrus Logic CS5180 Datasheet HTML 8Page - Cirrus Logic CS5180 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
CS5180
4
CHARACTERISTICS/SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = 0 °C to 70 °C; VA+ = 5 V ± 5%, VD+ = 3 V ± 10%; AGND =
DGND = 0 V; MCLK = 25.6 MHz; VREFIN = VREFOUT; MODE = VD+; Analog source impedance = 301 Ohms
with 2200 pF to AGND; Full-Scale input sinewave at 22 kHz; Unless otherwise noted)
Notes: 1. Dynamic range is tested with a 22 kHz input signal 60 dB below full scale.
2. Specification guaranteed by design, characterization, and/or test.
3. Full scale fully-differential input span is nominally 1.6 X the VREFIN voltage. The peak negative
excursion of the signals at AIN+ or AIN- should not go below AGND for proper operation.
4. VREFIN current is less than 1 µA under normal operation, but can be as high as ±200 µA during
calibration.
5. Drift of the on-chip reference alone is typically about ±30 ppm/°C. If using an external reference, total
full scale drift will be that of the external reference ±20 ppm/°C, which is the typical drift of the X1.6 buffer.
6. Applies after self-calibration at final operating ambient temperature.
Parameter
Symbol
Min
Typ
Max
Unit
Dynamic Performance
Dynamic Range
(Note 1)
DR
90
93
-
dB
Total Harmonic Distortion
THD
-90
-95
-
dB
Signal to (Noise + Distortion)
SINAD
87
91
-
dB
Spurious Free Dynamic Range
SFDR
90
96
-
dBc
Static Performance
Linearity Error
(Note 2)
INL
-
±2
-
LSB
Differential Non-Linearity
(Note 2)
DNL
-
-
±0.5
LSB
Full Scale Error
(Note 6)
-
±8
-
LSB
Full Scale Drift with Internal Reference
(Notes 2 and 5)
-
±50
-
ppm/°C
Offset Error
(Note 6)
-
±8
-
LSB
Offset Drift
(Note 2)
-
±6.0
-
µV/°C
Analog Input
Differential Input Voltage Range
(Note 3)
-
1.6 X
VREFIN
-Vpp
Common Mode Range
CMR
1
-
VREFIN
+0.25
V
Input Capacitance
-
4.0
-
pF
Differential Input Impedance
MCLK = 25.6 MHz
-
500
-
k
Ω
Common Mode Rejection Ratio
(Note 2)
CMRR
50
-
-
dB
Common Mode Input Current
MCLK = 25.6 MHz
-
±100
±200
µA
Reference Input
VREFIN
2.25
2.375
2.6
V
VREFIN Current
(Note 4)
-
1
±200
µA
Reference Output
VREFOUT Voltage
2.25
2.375
2.5
V
VREFOUT Output Current
-
-
±500
µA
VREFOUT Impedance
-
0.1
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com