Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5180
Description  Modulator & 8 kHz to 400 kHz 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5180 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5180 Datasheet HTML 1Page - Cirrus Logic CS5180 Datasheet HTML 2Page - Cirrus Logic CS5180 Datasheet HTML 3Page - Cirrus Logic CS5180 Datasheet HTML 4Page - Cirrus Logic CS5180 Datasheet HTML 5Page - Cirrus Logic CS5180 Datasheet HTML 6Page - Cirrus Logic CS5180 Datasheet HTML 7Page - Cirrus Logic CS5180 Datasheet HTML 8Page - Cirrus Logic CS5180 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
Copyright
© Cirrus Logic, Inc. 2002
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
Preliminary Product Information
Cirrus Logic reserves the right to modify this product without notice.
CS5180
∆Σ Modulator & 8 kHz to 400 kHz 16-Bit ADC
Features
16-Bit Delta-Sigma A/D Converter
Fully Differential Input with 4.0 Vpp Range
Dynamic Range: 93 dB
Spurious Free Dynamic Range: 96 dB
Total Harmonic Distortion: -95 dB @ 22 kHz
Up to 400 kHz Output Word Rate
No Missing Codes
Non-Aliasing Low-Pass Digital Filter
High Speed 3-Wire Serial Interface
Supply Options:
- VA+= 5 V, VD+=5 V, 690 mW
- VA+= 5 V, VD+=3 V, 368 mW
Modulator Output Mode
Power Down Mode
Description
CS5180 is a fully calibrated high-speed
∆Σ analog-to-
digital converter, capable of 400 kSamples/second out-
put word rate (OWR). The OWR scales with the master
clock. It consists of a 5th order
∆Σ modulator, decimation
filter, and serial interface. The chip can use the 2.375 V
on-chip voltage reference, or an external 2.5 V refer-
ence. The input voltage range is 1.6 × VREFIN Vpp fully
differential. Multiple CS5180s can be fully synchronized
in multi-channel applications with a SYNC signal. The
part has a power-down mode to minimize power con-
sumption at times of system inactivity. The high speed
digital I/O lines have complementary signals to help re-
duce radiated noise from traces on the PC board. The
CS5180 can also be operated in modulator-only mode
which provides the delta-sigma modulator bitstream as
the output.
ORDERING INFORMATION
CS5180-CL
0 °C to 70 °C
28-pin PLCC
I
AIN+
AIN-
VREF+
VREFIN
VREFOUT
VREFCAP
PWDN
SYNC RESET MODE
VA+
AGND
VD+
DGND
MCLK
MCLK
MFLAG
SDO
SDO
SCLK
SCLK
FSO
Decimator
Clock
x1.6
Reference
Timing
and
Control
Serial
Interface
∆Σ
Modulator
VREF-
Mode
Selector
APR ‘02
DS259PP4


Similar Part No. - CS5180

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5181 CIRRUS-CS5181 Datasheet
833Kb / 24P
Modulator & 400 kHz to 625 kHz 16-Bit ADC
CS5181-BL CIRRUS-CS5181-BL Datasheet
833Kb / 24P
Modulator & 400 kHz to 625 kHz 16-Bit ADC
More results

Similar Description - CS5180

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1385 AD-AD1385 Datasheet
348Kb / 20P
16-Bit 500 kHz Wide Temperature Range Sampling ADC
AD1392 AD-AD1392 Datasheet
1Mb / 16P
16-Bit 500 kHz Sampling ADC
AD7721 AD-AD7721 Datasheet
259Kb / 16P
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV.A
logo
Cirrus Logic
CS5181 CIRRUS-CS5181 Datasheet
833Kb / 24P
Modulator & 400 kHz to 625 kHz 16-Bit ADC
logo
Analog Devices
AD1837 AD-AD1837 Datasheet
523Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
7/03-Data Sheet changed from REV. A to REV. B.
logo
List of Unclassifed Man...
AK5357 ETC-AK5357 Datasheet
126Kb / 18P
24 BIT 96 KHZ ADC
logo
Analog Devices
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835A AD-AD1835A_15 Datasheet
281Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD7721 AD-AD7721_15 Datasheet
263Kb / 16P
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7721 AD-AD7721_17 Datasheet
297Kb / 17P
CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com