Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5180
Description  Modulator & 8 kHz to 400 kHz 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5180 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5180 Datasheet HTML 20Page - Cirrus Logic CS5180 Datasheet HTML 21Page - Cirrus Logic CS5180 Datasheet HTML 22Page - Cirrus Logic CS5180 Datasheet HTML 23Page - Cirrus Logic CS5180 Datasheet HTML 24Page - Cirrus Logic CS5180 Datasheet HTML 25Page - Cirrus Logic CS5180 Datasheet HTML 26Page - Cirrus Logic CS5180 Datasheet HTML 27Page - Cirrus Logic CS5180 Datasheet HTML 28Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
CS5180
24
+
-
+15 V
-15
2k
Ω
2k
Ω
+
-
2k
Ω
2200 pF
100
Ω
2200 pF
301
Ω
301
Ω
+
AIN+
AIN-
VREFOUT
CS5180
10 k
Ω
10 k
Ω
10 µF
2k
Ω
+
-
+15 V
-15 V
+
-
2k
Ω
10 k
Ω
2k
Ω
+15 V
-15 V
U1
U2
U3
U4
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
+15 V
0.1 µF
-15 V
0.1 µF
Figure 19. Four amplifier driver.
Figure 20. Performance of amplifier in Figure 19
Figure 21. Performance of amplifier in Figure 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com