Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5180
Description  Modulator & 8 kHz to 400 kHz 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5180 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5180 Datasheet HTML 4Page - Cirrus Logic CS5180 Datasheet HTML 5Page - Cirrus Logic CS5180 Datasheet HTML 6Page - Cirrus Logic CS5180 Datasheet HTML 7Page - Cirrus Logic CS5180 Datasheet HTML 8Page - Cirrus Logic CS5180 Datasheet HTML 9Page - Cirrus Logic CS5180 Datasheet HTML 10Page - Cirrus Logic CS5180 Datasheet HTML 11Page - Cirrus Logic CS5180 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
CS5180
8
RECOMMENDED OPERATING CONDITIONS (AGND = DGND = 0 V)
ABSOLUTE MAXIMUM RATINGS
WARNING: Operation beyond these limits may result in permanent damage to the device. Normal operation is not
guaranteed at these extremes.
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
Digital
Analog
VD+
VA+
2.7
4.75
3
5
5.5
5.25
V
V
Analog Reference Voltage
VREFIN
2.25
2.5
2.6
V
AGND to DGND Differential
-100
0
100
mV
Operating Junction Temperature
Tj
-
-
120
°C
Parameter
Symbol
Min
Max
Unit
DC Power Supplies
Ground
Digital
Analog
AGND/DGND
VD+
VA+
-0.3
-0.3
-0.3
0.3
6.0
6.0
V
V
V
Input Current, Any pin except Supplies
Iin
-±10
mA
Output Current
Iout
-±25
mA
Power Dissipation (Total)
-
1000
mW
Analog Input Voltage and VREFIN voltage
VINA
-0.3
(VA+) + 0.3
V
Digital Input Voltage
VIND
-0.3
(VD+) + 0.3
V
Ambient Operating Temperature
TA
070
°C
Storage Temperature
Tstg
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com