Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5180 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5180
Description  Modulator & 8 kHz to 400 kHz 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5180 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5180 Datasheet HTML 1Page - Cirrus Logic CS5180 Datasheet HTML 2Page - Cirrus Logic CS5180 Datasheet HTML 3Page - Cirrus Logic CS5180 Datasheet HTML 4Page - Cirrus Logic CS5180 Datasheet HTML 5Page - Cirrus Logic CS5180 Datasheet HTML 6Page - Cirrus Logic CS5180 Datasheet HTML 7Page - Cirrus Logic CS5180 Datasheet HTML 8Page - Cirrus Logic CS5180 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
CS5180
3
LIST OF FIGURES
Figure 1. Serial Port Timing (not to scale) .................................................................. 7
Figure 2. RESET and SYNC logic and timing. ........................................................... 9
Figure 3. CS5180 connection diagram for using the internal voltage reference. ...... 10
Figure 4. CS5180 connection diagram for using an external voltage reference. ...... 11
Figure 5. Modulator Only Mode Data RTZ Format. .................................................. 12
Figure 6. Circuit to Reconstruct
Return-to-Zero (RTZ) Data from SDO/SDO into Original Modulator Bitstream. 12
Figure 7. Magnitude versus frequency spectrum of modulator
bitstream (MCLK = 25.6 MHz). .......................................................................... 12
Figure 8. Expanded view of the magnitude versus frequency spectrum of
modulator bitstream (MCLK = 25.6 MHz). ......................................................... 12
Figure 9. CS5180 Digital Filter Magnitude Response (MCLK = 25.6 MHz) .............. 13
Figure 10. CS5180 Digital Filter Phase Response
(MCLK = 25.6 MHz) ........................................................................................... 13
Figure 11. CS5180 System Connection Diagram ..................................................... 14
Figure 12. Single amplifier driving only AIN+, AIN- held at steady dc value ............. 21
Figure 13. Performance of amplifier of Figure 12 overdriving AIN+ input to the
CS5180 at 4 VPP ............................................................................................... 21
Figure 14. Performance of amplifier of Figure 12 with AIN+ driven at 2 VPP ........... 21
Figure 15. AC-coupled driver using two amplifiers. .................................................. 22
Figure 16. Performance of amplifier in Figure 15 ..................................................... 22
Figure 17. Three amplifier driver .............................................................................. 23
Figure 18. Performance of amplifier in Figure 17 ..................................................... 23
Figure 19. Four amplifier driver. ............................................................................... 24
Figure 20. Performance of amplifier in Figure 19 ..................................................... 24
Figure 21. Performance of amplifier in Figure 19 ..................................................... 24
Figure 22. CS5180 Differential Non-linearity plot.
(Data taken with repeating ramp) ....................................................................... 25
Figure 23. Histogram of DNL from Figure 22 ........................................................... 25
Figure 24. CS5180 Noise Histogram, > 60,000 samples. ........................................ 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com