Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5181 Datasheet (PDF) - Cirrus Logic

CS5181 Datasheet PDF - Cirrus Logic
Part # CS5181
Download  CS5181 Download
File Size   833.87 Kbytes
Page   24 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Modulator & 400 kHz to 625 kHz 16-Bit ADC

CS5181 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5181 Datasheet PDF - Cirrus Logic

Part # CS5181
Download  CS5181 Click to download

File Size   833.87 Kbytes
Page   24 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Modulator & 400 kHz to 625 kHz 16-Bit ADC

CS5181 Datasheet (HTML) - Cirrus Logic


CS5181 Product details

Description
CS5181 is a fully calibrated high-speed ∆Σ analog-to-digital converter, capable of 625 kSamples/second output word rate (OWR). The OWR scales with the master clock. It consists of a 5th order ∆Σ modulator, decimation filter, and serial interface. The chip can use the 2.375 V on-chip voltage reference, or an external 2.5 V reference. The input voltage range is 1.6 × VREFIN Vpp fully differential.

Features
● 16-Bit Delta-Sigma A/D Converter
● Fully Differential Input with 4.0 Vpp Range
● Dynamic Range: 93 dB
● Spurious Free Dynamic Range: 90 dBc
● Harmonic Distortion: 89 dB
● Up to 625 kHz Output Word Rate
● No Missing Codes
● Non-Aliasing Low-Pass Digital Filter
● High Speed 3-Wire Serial Interface
● Supply Requirements:
    - VA+ = 5 V, VD+ = 3.3 V: 570 mW
● Modulator Output Mode
● Power-Down Mode




Similar Part No. - CS5181

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5180 CIRRUS-CS5180 Datasheet
1Mb / 28P
Modulator & 8 kHz to 400 kHz 16-Bit ADC
CS5180-CL CIRRUS-CS5180-CL Datasheet
1Mb / 28P
Modulator & 8 kHz to 400 kHz 16-Bit ADC
More results


Similar Description - CS5181

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1385 AD-AD1385 Datasheet
348Kb / 20P
16-Bit 500 kHz Wide Temperature Range Sampling ADC
AD1392 AD-AD1392 Datasheet
1Mb / 16P
16-Bit 500 kHz Sampling ADC
AD7721 AD-AD7721 Datasheet
259Kb / 16P
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV.A
logo
Asahi Kasei Microsystem...
AK5383 AKM-AK5383 Datasheet
123Kb / 20P
Enhanced Dual bit 96 kHz 24-bit ADC
AK5393 AKM-AK5393 Datasheet
112Kb / 18P
Enhanced Dual bit 96 kHz 24-bit ADC
logo
Cirrus Logic
CS5180 CIRRUS-CS5180 Datasheet
1Mb / 28P
Modulator & 8 kHz to 400 kHz 16-Bit ADC
logo
List of Unclassifed Man...
AK5357 ETC-AK5357 Datasheet
126Kb / 18P
24 BIT 96 KHZ ADC
logo
Analog Devices
AD7721 AD-AD7721_15 Datasheet
263Kb / 16P
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7721 AD-AD7721_17 Datasheet
297Kb / 17P
CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
23-Feb-2017
logo
Bel Fuse Inc.
0REB-C2T12 BEL-0REB-C2T12 Datasheet
949Kb / 19P
Fixed Frequency (400 kHz)
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com