Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5181 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5181
Description  Modulator & 400 kHz to 625 kHz 16-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5181 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5181 Datasheet HTML 6Page - Cirrus Logic CS5181 Datasheet HTML 7Page - Cirrus Logic CS5181 Datasheet HTML 8Page - Cirrus Logic CS5181 Datasheet HTML 9Page - Cirrus Logic CS5181 Datasheet HTML 10Page - Cirrus Logic CS5181 Datasheet HTML 11Page - Cirrus Logic CS5181 Datasheet HTML 12Page - Cirrus Logic CS5181 Datasheet HTML 13Page - Cirrus Logic CS5181 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CS5181
10
DS250PP1
Analog Input
The analog signal to the converter is input into the
AIN+ and AIN- pins. The input signal is fully dif-
ferential with the maximum peak-to-peak ampli-
tude of VREFIN X 1.6 V. The signal needs to have
a common mode voltage in a range from 1.0 V to
VREF + 0.25 V for minimum distortion. A resis-
tor-capacitor filter should be included on the AIN+
and AIN- inputs of the converter. This should con-
sist of a 20
Ω resistor and a 2200 pF capacitor on
each input to ground as illustrated in the system
connection diagram (Figure 11).
Output Coding
Table 1 illustrates the output coding for the con-
verter when operating with the digital filter
(MODE = 1). The converter outputs its data from
the serial port in twos complement format, MSB
first.
The chip offers an MFLAG signal to indicate when
the modulator has gone unstable. MFLAG is set
when an overrange signal forces the modulator into
an unstable condition. Under this condition, output
codes from the converter will be locked to either
plus or minus full scale as is appropriate for the
overrange condition.
Modulator-Only mode
The CS5181 can be operated in modulator-only
mode by connecting the MODE pin to a logic 0
(DGND).
In modulator-only mode the noise-shaped bit-
stream from the fifth-order delta-sigma modulator
is output from the SDO and SDO (inverse bit-
stream) pins.
10 µF
0.1 µF
+
VREFIN
VREF+
VREF-
VREFOUT
VREFCAP
X1.6
X1
Modulator
Reference
CS5181
10 µF
0.1 µF
+
1 µF
0.1 µF
+
10 µF
0.1 µF
+
2.5 V
10 µF
0.1 µF
+
VS
Figure 4. CS5181 connection diagram for using an external voltage reference.
Fully Differential Bipolar
Input Voltage1
Twos Complement
>(VFS - 1.5 LSB)
7FFF
VFS - 1.5 LSB
7FFF
7FFE
-0.5 LSB
0000
FFFF
-VFS + 0.5 LSB
8001
8000
<(-VFS + 0.5 LSB)
8000
Notes: 1. VFS = VREFIN x 1.6
Table 1. Output Coding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com