Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5181 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5181
Description  Modulator & 400 kHz to 625 kHz 16-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5181 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5181 Datasheet HTML 16Page - Cirrus Logic CS5181 Datasheet HTML 17Page - Cirrus Logic CS5181 Datasheet HTML 18Page - Cirrus Logic CS5181 Datasheet HTML 19Page - Cirrus Logic CS5181 Datasheet HTML 20Page - Cirrus Logic CS5181 Datasheet HTML 21Page - Cirrus Logic CS5181 Datasheet HTML 22Page - Cirrus Logic CS5181 Datasheet HTML 23Page - Cirrus Logic CS5181 Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
CS5181
20
DS250PP1
APPENDIX A: CIRCUIT APPLICATIONS
Several amplifier circuits have been tested with the
CS5181. Performance at higher frequencies is gen-
erally limited by the operational amplifiers used to
drive the A/D converter.
Figure 12 illustrates a single operational amplifier
circuit which can accept a single-ended ground-ref-
erenced signal and condition it for the input of the
CS5181. The amplifier is AC-coupled to the signal
source. In this circuit the AIN- input to the CS5181
is held at a constant DC value and the AIN+ input
is driven (it is actually overdriven to achieve high
dynamic range, but this sacrifices performance
with regard to distortion). The common mode volt-
age for the CS5181 input should be designed to
stay between 1 V and VREF + 0.25 V when driven
at its AIN+ and AIN- inputs. The single amplifier
circuit in figure 12 has the disadvantages that the
common mode restriction limits the input signal
range and also causes errors due to variation in the
common mode voltage, as opposed to applying a
balanced differential signal.
Figures 13 and 14 illustrate the performance of the
amplifier of Figure 12 operating with a 3.8 Vpp in-
put into the AIN+ input; and with 2.0 Vpp input into
the AIN+ input respectively.
0.15
C0G
10 k
Ω
+
-
+15
-15
20
Ω
+
AIN-
VREFOUT
CS5181
10 k
Ω
2200 pF
20
Ω
2200 pF
5 k
Ω
10 µF ++
10 µF
0.1 µF
1 k
Ω
AIN+
0.1 µF
0.1 µF
U1
Figure 12. Single amplifier driving only AIN+, with AIN- held at a steady dc value
Figure 13. Performance of amplifier of Figure 12 over-
driving AIN+ input to the CS5181 at 3.8 VPP
Test Signal: 30.14 kHz @ -6 dB
S/N = 85.46 dB
S/D = 71.25 dB
S/N+D = 71.09 dB
8192 Samples
Figure 14. Performance of amplifier of Figure 12 with
AIN+ driven at 2.0 VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com