Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5181 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5181
Description  Modulator & 400 kHz to 625 kHz 16-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5181 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5181 Datasheet HTML 4Page - Cirrus Logic CS5181 Datasheet HTML 5Page - Cirrus Logic CS5181 Datasheet HTML 6Page - Cirrus Logic CS5181 Datasheet HTML 7Page - Cirrus Logic CS5181 Datasheet HTML 8Page - Cirrus Logic CS5181 Datasheet HTML 9Page - Cirrus Logic CS5181 Datasheet HTML 10Page - Cirrus Logic CS5181 Datasheet HTML 11Page - Cirrus Logic CS5181 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
CS5181
8
DS250PP1
GENERAL DESCRIPTION
The CS5181 is a monolithic CMOS 16-bit A/D
converter designed to operate in continuous mode
after being reset.
The CS5181 can operate in modulator-only mode
in which the bit stream from the modulator is the
data output from the device.
THEORY OF OPERATION
The front page of this data sheet illustrates the
block diagram of the CS5181.
Converter Initialization: Calibration and
Synchronization
The CS5181 does not have an internal power-on re-
set circuit. Therefore when power is first applied to
the device the RESET pin should be held low until
power is established. This resets the converter’s log-
ic to a known state. When power is fully established
the converter will perform a self-calibration, starting
with the first MCLK rising edge after RESET goes
high. The converter will use 988,205 MCLK cycles
to complete the calibration and to allow the digital
filter to fully settle, after which, it will output fully-
settled conversion words. The converter will then
continue to output conversion words at an output
word rate equal to MCLK/64. Figure 2 illustrates
the RESET and SYNC logic and timing for the con-
verter.
The CS5181 is designed to perform conversions
continuously with an output rate that is equivalent
to MCLK/64. The conversions are performed and
the serial port is updated independent of external
controls. The converter is designed to measure dif-
ferential bipolar input signals, and unipolar signals,
with a common mode voltage of between 1.0 V and
VREF + 0.25 V. Calibration is performed when the
RESET signal to the device is released. If RESET
is properly framed to MCLK, the converter can be
synchronized to a specific MCLK cycle at the sys-
tem level.
The SYNC signal can also be used to synchronize
multiple converters in a system. When SYNC is
used, the converter does not perform calibration.
The SYNC signal is recognized on the first rising
edge of MCLK after SYNC goes high.
SYNC
aligns the output conversion to occur every 64
MCLK clock cycles after the SYNC signal is rec-
ognized and the filter is settled. After the SYNC is
initiated by going high, the converter will wait
5,161 MCLK cycles for the digital filter to settle
before putting out a fully-settled conversion word.
To synchronize multiple converters in a system, the
SYNC pulse should rise on a falling edge of the
MCLK signal. This ensures that the SYNC input to
all CS5181s in the system will be recognized on the
next rising edge of MCLK. Use of the SYNC input
RESET
MCLK
SYNC
CS5181
D
CLK
Q
Q
RESET
MCLK
RESET
FSO
988205 MCLK Cycles
D
CLK
QSYNC
MCLK
SYNC
FSO
5161 MCLK Cycles
Figure 2. RESET and SYNC logic and timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com