Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5181 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5181
Description  Modulator & 400 kHz to 625 kHz 16-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5181 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5181 Datasheet HTML 10Page - Cirrus Logic CS5181 Datasheet HTML 11Page - Cirrus Logic CS5181 Datasheet HTML 12Page - Cirrus Logic CS5181 Datasheet HTML 13Page - Cirrus Logic CS5181 Datasheet HTML 14Page - Cirrus Logic CS5181 Datasheet HTML 15Page - Cirrus Logic CS5181 Datasheet HTML 16Page - Cirrus Logic CS5181 Datasheet HTML 17Page - Cirrus Logic CS5181 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
CS5181
14
DS250PP1
Power-down Mode
The CS5181 has a PWDN (power-down) function.
When active low, power to most of the converter’s
circuitry will be reduced. If MCLK is to be stopped
to save power, it should not be stopped until at least
ten clock cycles after PWDN is taken low. The ten
clock cycles are required to allow the part to turn
off it’s internal circuitry. If the part does not get the
full ten clock cycles, it will still go into a power
down state, but the power dissipation could be
more than is listed in the specifications for the full
power down condition. When PWDN is active, the
calibration information inside of the converter is
maintained. When coming out of the power-down
state, the converter is not recalibrated and will
start-up similar to when SYNC is initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com