Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5181 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5181
Description  Modulator & 400 kHz to 625 kHz 16-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5181 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5181 Datasheet HTML 14Page - Cirrus Logic CS5181 Datasheet HTML 15Page - Cirrus Logic CS5181 Datasheet HTML 16Page - Cirrus Logic CS5181 Datasheet HTML 17Page - Cirrus Logic CS5181 Datasheet HTML 18Page - Cirrus Logic CS5181 Datasheet HTML 19Page - Cirrus Logic CS5181 Datasheet HTML 20Page - Cirrus Logic CS5181 Datasheet HTML 21Page - Cirrus Logic CS5181 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
CS5181
18
DS250PP1
PARAMETER DEFINITIONS
Differential Non-Linearity Error - DNL
The deviation of a code’s width from ideal. Units in LSBs.
Integral Non-Linearity Error - INL
The deviation of a code from a straight line passing through the endpoints of the transfer
function after zero- and full-scale errors have been accounted for. "Zero-scale" is a point 1/2
LSB below the first code transition and "full-scale" is a point 1/2 LSB beyond the code
transition to all ones. The deviation is measured from the middle of each particular code. Units
in LSB’s.
Full-Scale Error - FSEP
The deviation of the last code transition from the ideal (VREF-3/2 LSB’s). Units in LSB’s.
Offset Error - VOS
The deviation of the mid-scale transition from the ideal (1/2 LSB below 0 Volts). Units in
LSB’s.
Spurious-Free-Dynamic-Range - SFDR
The ratio of the rms value of the full-scale signal, to the rms value of the next largest spectral
component (excepting dc). This component is often an aliased harmonic when the signal
frequency is a significant proportion of the sampling rate. Units in dBc (decibels relative to the
carrier).
Total Harmonic Distortion - THD
The ratio of the rms sum of the significant harmonics (2nd thru 7th), to the rms value of the
full-scale signal. Units in decibels.
Dynamic Range - DR
The ratio of the rms value of the inferred full-scale signal, to the rms sum of the broadband
noise signals below the Nyquist rate (excepting dc and distortion terms).
Expressed in
decibels. Dynamic Range is tested with a 22 kHz input signal 60 dB below full scale. 60 dB
is then added to the resulting number to refer the noise level to the full-scale signal.
This
technique ensures that the distortion components are below the noise level and do not affect the
measurement.
Signal-to-Noise-and-Distortion (s/[n+d]) - SINAD
The ratio of the rms value of the full-scale signal, to the rms sum of all other spectral
components below the Nyquist rate (excepting dc), including distortion components. Expressed
in decibels.
Group Delay
The time delay through the digital filter section of the part. Units in seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com