Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5181 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5181
Description  Modulator & 400 kHz to 625 kHz 16-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5181 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5181 Datasheet HTML 2Page - Cirrus Logic CS5181 Datasheet HTML 3Page - Cirrus Logic CS5181 Datasheet HTML 4Page - Cirrus Logic CS5181 Datasheet HTML 5Page - Cirrus Logic CS5181 Datasheet HTML 6Page - Cirrus Logic CS5181 Datasheet HTML 7Page - Cirrus Logic CS5181 Datasheet HTML 8Page - Cirrus Logic CS5181 Datasheet HTML 9Page - Cirrus Logic CS5181 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
CS5181
6
DS250PP1
SWITCHING CHARACTERISTICS (T
A = -40 to 85 °C; VA+ = 5 V ±5%, VD+ = 3.3 V ±0.3 V;
AGND = DGND = 0 V; MODE = VD+)
Notes: 10. Rise and Fall times are specified at 10% to 90% points on waveform.
11. RESET, SYNC, and PWDN have Schmitt-trigger inputs.
12. Specifications applicable to complementary signals SCLK and SDO.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Frequency
(Note 2)
MCLK
0.512
25 to 40
41
MHz
Master Clock Duty Cycle
45
-
55
%
Rise Times
(Notes 2, 10, and 11)
Any Digital Input, Except MCLK
MCLK
Any Digital Output
trise
-
-
-
-
-
20
100
.2/MCLK
-
ns
s
ns
Fall Times
(Notes 2, 10, and 11)
Any Digital Input, Except MCLK
MCLK
Any Digital Output
tfall
-
-
-
-
-
20
100
.2/MCLK
-
ns
s
ns
Calibration/Sync
RESET rising to MCLK rising
-3
-
ns
RESET rising recognized, to FSO falling
-
988205/MCLK
-
s
SYNC rising to MCLK rising
-
3
-
ns
SYNC rising recognized to FSO falling
-
5161/MCLK
-
s
PWDN rising recognized to FSO falling
-
5168/MCLK
-
s
SYNC high time
1/MCLK
-
-
s
RESET low time
1/MCLK
-
-
s
Serial Port Timing
(Note 12)
SCLK frequency
-
MCLK/3
-
Hz
SCLK high time
t1
-1/MCLK
-
s
SCLK low time
t2
-2/MCLK
-
s
FSO falling to SCLK rising
t3
-2/MCLK + 2E-9
-
s
SCLK falling to new data bit
t4
-1.5
-
ns
SCLK rising to FSO rising
t5
-1/MCLK - 2E-9
-
s
FSO
SCLK
SDATA XX
MSB
MSB-1
LSB-1
LSB
XX
t
1
t
2
t
3
t
4
t
5
Figure 1. Serial Port Timing (not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com