Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5181 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5181
Description  Modulator & 400 kHz to 625 kHz 16-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5181 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5181 Datasheet HTML 1Page - Cirrus Logic CS5181 Datasheet HTML 2Page - Cirrus Logic CS5181 Datasheet HTML 3Page - Cirrus Logic CS5181 Datasheet HTML 4Page - Cirrus Logic CS5181 Datasheet HTML 5Page - Cirrus Logic CS5181 Datasheet HTML 6Page - Cirrus Logic CS5181 Datasheet HTML 7Page - Cirrus Logic CS5181 Datasheet HTML 8Page - Cirrus Logic CS5181 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CS5181
DS250PP1
5
ANALOG CHARACTERISTICS (Continued)
Notes: 7. All outputs unloaded. All inputs except MCLK held static at VD+ or DGND.
8. Power consumption when PWDN = 0 applies only for no master clock applied (MCLK held high or low).
9. Measured with a 100 mVpp sine wave on the VA+ supplies at a frequency of 100 Hz.
DYNAMIC CHARACTERISTICS
DIGITAL CHARACTERISTICS (T
A = -40 to 85 °C; VD = 3.3V ±0.3V; AGND = DGND = 0 V)
Specifications are subject to change without notice.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supplies
Power Supply Current (MODE = 1, PWDN = 1)
(Note 7)
VA1+, VA2+ = 5 V
VD1+, VD2+ = 3.3 V
-
-
53
92.4
65
100
mA
mA
Power Supply Current (MODE = 1, PWDN = 0) (Notes 7, 8)
VA1+, VA2+ = 5 V
VD1+, VD2+ = 3.3 V
-
-
3.7
0.062
6
0.2
mA
mA
Power Supply Current (MODE = 0, PWDN = 1)
(Note 7)
VA1+, VA2+ = 5 V
VD1+, VD2+ = 3.3 V
-
-
53
18.9
65
22
mA
mA
Power Supply Current (MODE = 0, PWDN = 0) (Notes 7, 8)
VA1+, VA2+ = 5 V
VD1+, VD2+ = 3.3 V
-
-
3.7
0.062
6
0.2
mA
mA
Power Supply Rejection
(Note 9)
PSRR
-
55
-
dB
Parameter
Symbol
Min
Typ
Max
Unit
Modulator Sampling Frequency
-
MCLK
-
Hz
Output Word Rate
-
MCLK/64
-
Hz
Filter Characteristics
(Note 2)
-3 dB Corner
-
MCLK/142.3804
-
Hz
Passband Ripple
-
-
±0.05
dB
Stopband Frequency
-
MCLK/128
-
Hz
Stopband Rejection
90
-
-
dB
Group Delay
-
2370/MCLK
-
s
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
VIH
2.0
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
High-Level Output Voltage (IO = -100 µA)
VOH
2.7
-
-
V
Low-Level Output Voltage (IO = 100 µA)
VOL
--
0.3
V
Input Leakage Current
Iin
-±1
±10
µA
Input Capacitance
Cin
-
6
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com