Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5181 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5181
Description  Modulator & 400 kHz to 625 kHz 16-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5181 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5181 Datasheet HTML 1Page - Cirrus Logic CS5181 Datasheet HTML 2Page - Cirrus Logic CS5181 Datasheet HTML 3Page - Cirrus Logic CS5181 Datasheet HTML 4Page - Cirrus Logic CS5181 Datasheet HTML 5Page - Cirrus Logic CS5181 Datasheet HTML 6Page - Cirrus Logic CS5181 Datasheet HTML 7Page - Cirrus Logic CS5181 Datasheet HTML 8Page - Cirrus Logic CS5181 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
Copyright
© Cirrus Logic, Inc. 1999
(All Rights Reserved)
Cirrus Logic, Inc.
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
CS5181
∆Σ Modulator & 400 kHz to 625 kHz 16-Bit ADC
Features
l 16-Bit Delta-Sigma A/D Converter
l Fully Differential Input with 4.0 Vpp Range
l Dynamic Range: 93 dB
l Spurious Free Dynamic Range: 90 dBc
l Harmonic Distortion: 89 dB
l Up to 625 kHz Output Word Rate
l No Missing Codes
l Non-Aliasing Low-Pass Digital Filter
l High Speed 3-Wire Serial Interface
l Supply Requirements:
- VA+ = 5 V, VD+ = 3.3 V: 570 mW
l Modulator Output Mode
l Power-Down Mode
Description
CS5181 is a fully calibrated high-speed
∆Σ analog-to-
digital converter, capable of 625 kSamples/second out-
put word rate (OWR). The OWR scales with the master
clock. It consists of a 5th order
∆Σ modulator, decimation
filter, and serial interface. The chip can use the 2.375 V
on-chip voltage reference, or an external 2.5 V refer-
ence. The input voltage range is 1.6 × VREFIN Vpp fully
differential. Multiple CS5181s can be fully synchronized
in multi-channel applications with a sync signal. The part
has a power-down mode to minimize power consump-
tion at times of system inactivity. The high speed digital
I/O lines have complementary signals to help reduce ra-
diated noise from traces on the PC board layout. The
CS5181 can also be operated in modulator-only mode
which provides the delta-sigma modulator bitstream as
the output.
ORDERING INFORMATION
CS5181-BL
-40 °C to +85 °C
28-pin PLCC
I
AIN+
AIN-
VREF+
VREFIN
VREFOUT
VREFCAP
PWDN
SYNC RESET MODE
VA+
AGND
VD+
DGND
MCLK
MCLK
MFLAG
SDO
SDO
SCLK
SCLK
FSO
Decimator
Clock
x1.6
Reference
Timing
and
Control
Serial
Interface
∆Σ
Modulator
VREF-
Mode
Selector
APR ‘99
DS250PP1


Similar Part No. - CS5181

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5180 CIRRUS-CS5180 Datasheet
1Mb / 28P
Modulator & 8 kHz to 400 kHz 16-Bit ADC
CS5180-CL CIRRUS-CS5180-CL Datasheet
1Mb / 28P
Modulator & 8 kHz to 400 kHz 16-Bit ADC
More results

Similar Description - CS5181

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1385 AD-AD1385 Datasheet
348Kb / 20P
16-Bit 500 kHz Wide Temperature Range Sampling ADC
AD1392 AD-AD1392 Datasheet
1Mb / 16P
16-Bit 500 kHz Sampling ADC
AD7721 AD-AD7721 Datasheet
259Kb / 16P
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV.A
logo
Asahi Kasei Microsystem...
AK5383 AKM-AK5383 Datasheet
123Kb / 20P
Enhanced Dual bit 96 kHz 24-bit ADC
AK5393 AKM-AK5393 Datasheet
112Kb / 18P
Enhanced Dual bit 96 kHz 24-bit ADC
logo
Cirrus Logic
CS5180 CIRRUS-CS5180 Datasheet
1Mb / 28P
Modulator & 8 kHz to 400 kHz 16-Bit ADC
logo
List of Unclassifed Man...
AK5357 ETC-AK5357 Datasheet
126Kb / 18P
24 BIT 96 KHZ ADC
logo
Analog Devices
AD7721 AD-AD7721_15 Datasheet
263Kb / 16P
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7721 AD-AD7721_17 Datasheet
297Kb / 17P
CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
23-Feb-2017
logo
Bel Fuse Inc.
0REB-C2T12 BEL-0REB-C2T12 Datasheet
949Kb / 19P
Fixed Frequency (400 kHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com