Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5181 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5181
Description  Modulator & 400 kHz to 625 kHz 16-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5181 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5181 Datasheet HTML 5Page - Cirrus Logic CS5181 Datasheet HTML 6Page - Cirrus Logic CS5181 Datasheet HTML 7Page - Cirrus Logic CS5181 Datasheet HTML 8Page - Cirrus Logic CS5181 Datasheet HTML 9Page - Cirrus Logic CS5181 Datasheet HTML 10Page - Cirrus Logic CS5181 Datasheet HTML 11Page - Cirrus Logic CS5181 Datasheet HTML 12Page - Cirrus Logic CS5181 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CS5181
DS250PP1
9
is not necessary to make the converter operate
properly. If it is unused it should be tied to DGND.
Conversion data is output from the SDO and SDO
pins of the device. The data is output from the SDO
pin MSB first, in two’s complement format. The
converter furnishes a serial clock SCLK and its
complement SCLK to latch the data bits; and a data
frame signal, Frame Signal Output (FSO), which
frames the output conversion word. The SCLK
output frequency is MCLK/3.
Clock Generator
The CS5181 must be driven from a CMOS-com-
patible clock at its MCLK pin. The MCLK input is
powered from the VD+ supply and its signal input
should not exceed this supply.
The required
MCLK is 64 × OWR (Output Word Rate). To
achieve an Output Word Rate of 625 kHz, the
MCLK frequency must be 64 × 625 kHz, or
40 MHz. A second clock input pin, MCLK, is not
actually used inside the device but allows the user
to run a fully differential clock to the converter to
minimize radiated noise from the PC board layout.
The CS5181 can be operated with MCLK frequen-
cies from 512 kHz up to 40 MHz. The output word
rate
scales
with
the
MCLK
rate
with
OWR = MCLK/64.
Voltage Reference
The CS5181 can be configured to operate from ei-
ther its internal voltage reference, or from an exter-
nal voltage reference.
The on-chip voltage reference is nominally 2.375 V
and is referenced to the AGND pins. This 2.375 V
reference is output from the VREFOUT pin. It is
then filtered and returned to the VREFIN pin. The
VREFIN pin is connected to a buffer which has a
typical gain of 1.6. This scales the on-chip reference
of 2.375 V to 3.8 V. This value sets the peak-to-peak
input voltage into the AIN pins of the converter. Fig-
ure 3 illustrates the CS5181 connected to use the in-
ternal voltage reference. Note that a 1.0 µF and 0.1
µF capacitor are shown connected to the VREFCAP
pin to filter out noise. A larger capacitor can be used,
but may require a longer reset period when first pow-
ering up the part to allow for the reference to stabilize
before the part self-calibrates.
Alternatively, the CS5181 can be configured to use
an external voltage reference. Figure 4 illustrates
the CS5181 connected to use a 2.5 V external ref-
erence. In this case, the maximum peak-to-peak
signal input at the AIN pins is 4.0 V.
10 µF
0.1 µF
+
VREFIN
VREF+
VREF-
VREFOUT
VREFCAP
X1.6
X1
Modulator
Reference
CS5181
10 µF
0.1 µF
+
1 µF
0.1 µF
+
Figure 3. CS5181 connection diagram for using the internal voltage reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com