Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5181 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5181
Description  Modulator & 400 kHz to 625 kHz 16-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5181 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5181 Datasheet HTML 3Page - Cirrus Logic CS5181 Datasheet HTML 4Page - Cirrus Logic CS5181 Datasheet HTML 5Page - Cirrus Logic CS5181 Datasheet HTML 6Page - Cirrus Logic CS5181 Datasheet HTML 7Page - Cirrus Logic CS5181 Datasheet HTML 8Page - Cirrus Logic CS5181 Datasheet HTML 9Page - Cirrus Logic CS5181 Datasheet HTML 10Page - Cirrus Logic CS5181 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CS5181
DS250PP1
7
RECOMMENDED OPERATING CONDITIONS (AGND = DGND = 0 V)
ABSOLUTE MAXIMUM RATINGS
WARNING: Operation beyond these limits may result in permanent damage to the device. Normal operation is not
guaranteed at these extremes.
Specifications are subject to change without notice.
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
Digital
Analog
VD+
VA+
3.0
4.75
3.3
5
3.6
5.25
V
V
Analog Reference Voltage
VREFIN
2.25
2.5
2.6
V
AGND to DGND differential
-100
0
100
mV
Operating Junction Temperature
Tj
--
120
°C
Parameter
Symbol
Min
Max
Unit
DC Power Supplies
Ground
Digital
Analog
AGND/DGND
VD+
VA+
-0.3
-0.3
-0.3
(VD+) + 0.3
6.0
6.0
V
V
V
Input Current, Any pin except Supplies
Iin
-±10
mA
Output Current
Iout
-±25
mA
Power Dissipation (Total)
-
1000
mW
Analog Input Voltage
VINA
-0.3
(VA+) + 0.3
V
Digital Input Voltage
VIND
-0.3
(VD+) + 0.3
V
Ambient Operating Temperature
TA
-40
85
°C
Storage Temperature
Tstg
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com