Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5181 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5181
Description  Modulator & 400 kHz to 625 kHz 16-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5181 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5181 Datasheet HTML 1Page - Cirrus Logic CS5181 Datasheet HTML 2Page - Cirrus Logic CS5181 Datasheet HTML 3Page - Cirrus Logic CS5181 Datasheet HTML 4Page - Cirrus Logic CS5181 Datasheet HTML 5Page - Cirrus Logic CS5181 Datasheet HTML 6Page - Cirrus Logic CS5181 Datasheet HTML 7Page - Cirrus Logic CS5181 Datasheet HTML 8Page - Cirrus Logic CS5181 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
CS5181
DS250PP1
3
TABLE OF FIGURES
1.
Serial Port Timing (not to scale) .............................................................................. 6
2.
RESET and SYNC logic and timing. ....................................................................... 8
3.
CS5181 connection diagram for using the internal voltage reference. .................... 9
4.
CS5181 connection diagram for using an external voltage reference. .................. 10
5.
Modulator Only Mode Data RTZ Format. .............................................................. 11
6.
Circuit to Reconstruct
Return-to-Zero (RTZ) Data from SDO/SDO into Original Modulator Bitstream.... 11
7.
Magnitude versus frequency spectrum of modulator bitstream
(MCLK = 40.0 MHz). .............................................................................................. 11
8.
Expanded view of the magnitude versus frequency spectrum of modulator
bitstream (MCLK = 40 MHz). ................................................................................. 11
9.
CS5181 Digital Filter Magnitude Response (MCLK = 40 MHz) ............................. 12
10.
CS5181 Digital Filter Phase Response (MCLK = 40 MHz) ................................... 12
11.
CS5181 System Connection Diagram ................................................................... 13
12.
Single amplifier driving only AIN+, with AIN- held at a steady dc value ................ 20
13.
Performance of amplifier of Figure 11 overdriving AIN+ input to the
CS5181 at 3.8 VPP ............................................................................................... 20
14.
Performance of amplifier of Figure 11 with AIN+ driven at 2.0 VPP ...................... 20
15.
Four amplifier balanced driver. .............................................................................. 21
16.
Performance of amplifier in Figure 14 ................................................................... 21
17.
Performance of amplifier in Figure 14 ................................................................... 22
18.
CS5181 Differential Non-linearity plot. (Data taken with repeating ramp) ............ 22
19.
Histogram of DNL from Figure 17 ......................................................................... 22
20.
CS5181 Noise Histogram, 32768 samples. ......................................................... 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com