Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5181 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5181
Description  Modulator & 400 kHz to 625 kHz 16-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5181 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5181 Datasheet HTML 16Page - Cirrus Logic CS5181 Datasheet HTML 17Page - Cirrus Logic CS5181 Datasheet HTML 18Page - Cirrus Logic CS5181 Datasheet HTML 19Page - Cirrus Logic CS5181 Datasheet HTML 20Page - Cirrus Logic CS5181 Datasheet HTML 21Page - Cirrus Logic CS5181 Datasheet HTML 22Page - Cirrus Logic CS5181 Datasheet HTML 23Page - Cirrus Logic CS5181 Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
CS5181
DS250PP1
21
Figure 15 illustrates a four amplifier circuit which
gives the best performance by keeping everything
balanced. Performance is generally limited by the
amplifiers. Again, the output resistors are used to
scale down the input signal. Figures 16 and 17 il-
lustrate the performance of the CS5181 with this
amplifier circuit.
Figure 18 illustrates a Differential Non-linearity
plot of the converter. Data for the plot was taken
using a repeating ramp. Figure 19 is a histogram of
the DNL data in Figure 18.
Figure 20 illustrates a noise histogram of the con-
verter with its inputs shorted and connected to a
proper common mode voltage.
+
-
+15 V
-15
2 k
Ω
2 k
Ω
+
-
2 k
Ω
2200 pF
100
Ω
2200 pF
301
Ω
301
Ω
+
AIN+
AIN-
VREFOUT
CS5181
10 k
Ω
10 k
Ω
10 µF
2 k
Ω
+
-
+15 V
-15 V
+
-
2 k
Ω
10 k
Ω
2 k
Ω
+15 V
-15 V
U1
U2
U3
U4
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
+15 V
0.1 µF
-15 V
0.1 µF
Figure 15. Four amplifier balanced driver.
Figure 16. Performance of amplifier in Figure 15
Test Signal: 20 kHz @ 0 dB
S/N = 93.2 dB
S/D = 88.6 dB
S/N+D = 87.2 dB
8192 Samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com