Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5181 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5181
Description  Modulator & 400 kHz to 625 kHz 16-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5181 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5181 Datasheet HTML 11Page - Cirrus Logic CS5181 Datasheet HTML 12Page - Cirrus Logic CS5181 Datasheet HTML 13Page - Cirrus Logic CS5181 Datasheet HTML 14Page - Cirrus Logic CS5181 Datasheet HTML 15Page - Cirrus Logic CS5181 Datasheet HTML 16Page - Cirrus Logic CS5181 Datasheet HTML 17Page - Cirrus Logic CS5181 Datasheet HTML 18Page - Cirrus Logic CS5181 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
CS5181
DS250PP1
15
PIN DESCRIPTIONS
Analog Ground
AGND
Pos. Reference
VREF+
VA1+
Positive Analog Supply
Neg. Reference
VREF-
AIN-
Negative Analog Input
Reference Output VREFOUT
AIN+
Positive Analog Input
Pos. Reference Input
VREFIN
PWDN
Power Down Mode
Reference Bypass VREFCAP
MODE
Modulator Only Mode
Analog Ground
AGND
RESET
Reset and Calibration
Analog Supply
VA2+
DGND
Digital Ground
Invalid Conversion
MFLAG
VD1+
Positive Digital Supply
Sync. Filter
SYNC
MCLK
Master Clock
Digital Ground
DGND
MCLK
Inverse Master Clock
Pos. Digital Supply
VD2+
AGND
Analog Ground
Inverse Serial Clock
SCLK
FSO
Frame Sync Output
Serial Clock
SCLK
SDO
Serial Data Out
SDO
Inverse Serial Data Out\
CS5181
1
2
3
428 27 26
5
6
7
8
9
10
11
12 13 14 15 16 17
19
20
21
22
23
24
25
18
AGND
Analog Ground
Analog Ground
AGND
VA1+
Positive Analog Supply
Pos. Reference
VREF+
AGND
Analog Ground
Neg. Reference
VREF-
AIN-
Negative Analog Input
Reference Output VREFOUT
AIN+
Positive Analog Input
Analog Ground
AGND
AGND
Analog Ground
Analog Ground
AGND
PWDN
Power Down Mode
Reference Input
VREFIN
MODE
Modulator Only Mode
Reference Bypass VREFCAP
RESET
Reset and Calibration
Analog Ground
AGND
DGND
Digital Ground
Analog Ground
AGND
DGND
Digital Ground
Analog Supply
VA2+
VD1+
Positive Digital Supply
Analog Supply
VA2+
VD1+
Positive Digital Supply
Invalid Conversion
MFLAG
DGND
Digital Ground
Sync. Filter
SYNC
MCLK
Master Clock
Digital Ground
DGND
MCLK
Inverse Master Clock
Digital Ground
DGND
DGND
Digital Ground
Pos. Digital Supply
VD2+
NC
Pos. Digital Supply
VD2+
AGND
Analog Ground
Digital Ground
DGND
NC
Inverse Serial Clock
SCLK
FSO
Frame Sync Output
Serial Clock
SCLK
SDO
Serial Data Out
SDO
Inverse Serial Data Out\
1
2
3
4
5
6
7
8
9
10
11
12131415 16171819202122
33
32
31
30
29
28
27
26
25
24
23
4443424140393837363534
CS5181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com