Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet (PDF) - STMicroelectronics

STW4510 Datasheet PDF - STMicroelectronics
Part # STW4510
Download  STW4510 Download
File Size   661.34 Kbytes
Page   57 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 step-down DC/DC converters / 5 LDO power management

STW4510 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW4510 Datasheet PDF - STMicroelectronics

Part # STW4510
Download  STW4510 Click to download

File Size   661.34 Kbytes
Page   57 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 step-down DC/DC converters / 5 LDO power management

STW4510 Datasheet (HTML) - STMicroelectronics


STW4510 Product details

Description
STw4510 is a 7-channel integrated power management device for application powered by one Li-Ion or Li-Polymer cell. STw4510 embeds 2 highly efficient step-down DC/DC converters and 5 LDO regulators. It has been designed to typically supply portable processor and its peripherals. Thanks to the multiple output voltages, high current capability and programmable start-up value, it can easily adapt to various applications. TFBGA84 6 mm x 6 mm x 1.2 mm 0.5 mm pitch TFBGA49 4 mm x 4 mm x 1.2 mm 0.5 mm pitch

Features
■ 2 Step-down converters – Vsdc1: 1 to 1.5 V with . 15 steps at 600 mA (I2C control available) . Programmable start-up value (1.2V by default) – Vsdc2: 1.8 V at 600 mA for general purpose usage
■ 5 Low-drop output regulators for different uses – Vdig: 1.0V (100mA), 1.2V, 1.5V (250 mA) . Can be supplied by Vsdc2 to minimize the voltage drop . Programmable start-up value (1.2V by default) – Vana1: 1.5, 1.8, 2.5, 2.8 V - 150 mA – Vana2: 1.8, 2.8, 3.0, 3.3 V - 150 mA – Vana3: 1.8, 2.8, 3.0, 3.3 V - 150 mA – Vmmc: 1.8, 2.5, 2.85, 3.0 V - 150mA
■ Miscellaneous – Vana(i) have programmable start-up output voltage and ON or OFF (default) status – 32 kHz input used for state machine – Processor supply monitoring – Processor reset control – Control by serial I2C interface –

Applications
■ Any portable application – Mobile phones – Personal digital assistants (PDA) – Portable media players




Similar Part No. - STW4510

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW45N60DM2AG STMICROELECTRONICS-STW45N60DM2AG Datasheet
399Kb / 12P
Automotive-grade N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-247 package
03-Jul-2015
STW45N60DM6 STMICROELECTRONICS-STW45N60DM6 Datasheet
331Kb / 15P
N-channel 600 V, 0.085 Ω typ., 30 A MDmesh DM6 Power MOSFETs in TO-220 and TO-247 packages
July 2020
STW45N65M5 STMICROELECTRONICS-STW45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
05-Mar-2013
STW45N65M5 STMICROELECTRONICS-STW45N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 35 A, 0.067 Ω typ., MDmesh™ V Power MOSFETs in TO-3PF, TO-247 and TO-247 long leads packages
09-May-2014
logo
Inchange Semiconductor ...
STW45N65M5 ISC-STW45N65M5 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STW4510

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
PWM Controlled, Step down DC/DC Converters
logo
STMicroelectronics
STW4410 STMICROELECTRONICS-STW4410 Datasheet
113Kb / 4P
2 Step down DC/DC converter/4 LDO/MMC interface power management
22-Dec-2006
logo
Power Analog Micoelectr...
PAM2301 PAM-PAM2301 Datasheet
902Kb / 13P
800mA Step-Down DC-DC Converters
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
1A Step-Down DC-DC Converters
logo
Rohm
BP5220A ROHM-BP5220A_10 Datasheet
555Kb / 9P
Step-down DC/DC Converters(Non-isolated)
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
2A Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
Step-Down DC-DC Converters
Rev 1; 10/13
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
Step-Down DC-DC Converters
Rev 2; 12/13
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
500mA Synchronous Step-Down DC/DC Converters
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com