Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 2Page - STMicroelectronics STW4510 Datasheet HTML 3Page - STMicroelectronics STW4510 Datasheet HTML 4Page - STMicroelectronics STW4510 Datasheet HTML 5Page - STMicroelectronics STW4510 Datasheet HTML 6Page - STMicroelectronics STW4510 Datasheet HTML 7Page - STMicroelectronics STW4510 Datasheet HTML 8Page - STMicroelectronics STW4510 Datasheet HTML 9Page - STMicroelectronics STW4510 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional block diagram
STw4510
6/57
1
Functional block diagram
Figure 1.
STw4510 block diagram
Vbat_Vsdc2
Vlx_Vsdc2
Gnd_Vsdc2
Vsdc2
Vbat_Vsdc1
Vlx_Vsdc1
Gnd_Vsdc1
Vsdc1
Clock
switching
and
control
Internal
Oscillator
Clk32k_in
Vbat_Osc
Gnd_Osc
VddIO
General
control
Pon
VddOK
Res_pro
Pwren
SW_reset
Gnd_IO
SDA
SCL
PORn_Vbat
I2C
Interface
SOFT_START
Vref
Bias
Vref_18
Vbat_ana
Gnd_ana
Vsdc1 & Vsdc2
Monitoring
Thermal
Shutdown
Supply
Voltage
Selection
Vsdc1_sel<0>
Vsdc1_sel<1>
Vana3_sel>0>
Vana3_sel<1>
Vdig_sel<0>
Vdig_sel<1>
Vana1_sel<0>
Vana1_sel<1>
Vana2_sel<0>
Vana2_sel<1>
Vdig
1, 1.2, 1.5 V
100 or 250 mA
Vbat_dig
Gnd_vdig
Vdig
Vana1
1.5, 1.8, 2.5, 2.8 V
150 mA
Vbat_vana1_vana3
Vana3
Vana3
1.8, 2.8, 3.0, 3.3 V
150 mA
Gnd_vana1_vana3
Vana1
Vana2
150 mA
Vbat_vana2
Gnd_vana2
Vana2
Vmmc
1.8, 2.85, 3.0 V
150 mA
Vbat_vmmc
Gnd_vmmc
Vmmc
Pon
Pwren
Pon
PM00125
1.8, 2.8,3.0, 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com