Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 29Page - STMicroelectronics STW4510 Datasheet HTML 30Page - STMicroelectronics STW4510 Datasheet HTML 31Page - STMicroelectronics STW4510 Datasheet HTML 32Page - STMicroelectronics STW4510 Datasheet HTML 33Page - STMicroelectronics STW4510 Datasheet HTML 34Page - STMicroelectronics STW4510 Datasheet HTML 35Page - STMicroelectronics STW4510 Datasheet HTML 36Page - STMicroelectronics STW4510 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Functional description
33/57
3.3.7
Vdig
This LDO is dedicated, for example, to supply a alive digital part of peripherals associated to
a processor.
Main features
●
Programmable output voltage: Vdig_sel[1:0] pads - 1 V, 1.2 V, 1.5 V (to be fixed in the
application by internal routing to Vbat or ground)
●
Two power domains:
–
High power mode, 100mA full load when 1V output voltage selected, otherwise
250 mA full load.
–
Power down mode when regulator is switched off and there is no power
consumption. Switch on and off is controlled by Pon signal. Pon is set to “0” and
Vdig is switched off. Vdig has its voltage output available once Pon is set to “1”
and the start-up sequence has ended.
●
Default setting defined by start-up device configuration.
●
Positive supply could be generated by Vsdc2 step down DC/DC converter.
3.3.8
Vmmc power supply
This block provides the power supply (1.8 V, 2.5 V, 2.85 V or 3 V) requested for MultiMedia
Cards applications. This LDO can also be used for any other feature in the application.
Main features
●
Programmable output voltage by I2C (1.8 V, 2.5 V, 2.85 V or 3 V)
●
2 power domains:
–
High power mode, 150 mA full load
–
Power down mode when regulator is switched off via I2C and there is no power
consumption. Leakage is reduce to 1 µA.
●
Specification guaranteed with battery voltages from 2.7 V up to 5.5 V (minimum Vbat
values are indicated in
Table 23).
3.3.9
Power supply monitoring
This block monitors the Vsdc1 and Vsdc2 output voltage. If Vsdc1 or Vsdc2 drop below the
threshold the processor is reset.
This feature can be desactivated by setting en_monitoring bit of Power control register
(
Power control register @ 08h) to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com