Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 26Page - STMicroelectronics STW4510 Datasheet HTML 27Page - STMicroelectronics STW4510 Datasheet HTML 28Page - STMicroelectronics STW4510 Datasheet HTML 29Page - STMicroelectronics STW4510 Datasheet HTML 30Page - STMicroelectronics STW4510 Datasheet HTML 31Page - STMicroelectronics STW4510 Datasheet HTML 32Page - STMicroelectronics STW4510 Datasheet HTML 33Page - STMicroelectronics STW4510 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional description
STw4510
30/57
3.3.2
Vsdc1 step-down DC/DC converter
Vsdc1 step down DC/DC converter is suitable to supply the core of the processor. Vsdc1
generates the regulated power supply with a very high efficiency. The 15 voltage levels
enable dynamic voltage suitable for any supply voltage of CMOS process. The regulated
output voltage levels are adjustable by the power control registers (
Power control register @
05h) via I2C interface. The power up and down is controlled by the signal Pwren.
The step down DC/DC converter runs on the internal RC oscillator.
Main features:
●
Programmable output voltage:
–
Vsdc1_sel [1:0] pads is fixed to 00 (directly connected to ground)
–
15 levels from 1.0 V to 1.5 V (vsdc1_prg [3:0] bits of power control register -
Power
control register @ 05h)
●
Fixed voltage can also be selected with Vsdc1_sel[1:0] (feature only available on the
die and on the 6 mm x 6 mm package):
–
01: fixed output voltage1.5V
–
10: fixed output voltage1.3V
–
11: fixed output voltage1.4V
●
2 power domains:
–
High power mode (HPM), 600 mA full load
–
Power down mode when step down DC/DC converter is switched off, no
consumption. The switch ON/OFF is controlled by the Pwren signal. VddOK
signal indicates to the processor that Vsdc1 supply is in the specified range.
●
Soft start circuitry from power off to high power mode
●
Specification guaranteed with input voltage from 2.7 V up to 5.5 V
Note:
High voltage level changes can be performed according to the device monitoring
constraints. Please refer to the application note AN2537 which explains how to change
VCORE value with high steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com