Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 14Page - STMicroelectronics STW4510 Datasheet HTML 15Page - STMicroelectronics STW4510 Datasheet HTML 16Page - STMicroelectronics STW4510 Datasheet HTML 17Page - STMicroelectronics STW4510 Datasheet HTML 18Page - STMicroelectronics STW4510 Datasheet HTML 19Page - STMicroelectronics STW4510 Datasheet HTML 20Page - STMicroelectronics STW4510 Datasheet HTML 21Page - STMicroelectronics STW4510 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional description
STw4510
18/57
In this present version, Vdig is ON at start-up and Vana(i) are switched OFF.
For more information, please contact STMicroelectronics sales office.
3.2.6
Device reset by processor Sw_resetn
In the event of a reset from processor to STw4510, Sw_resetn signal set to “0”, the device
resets all control registers, except registers at address 1Eh, 1Fh and 03h.
As a consequence, after a Sw_reset, Vmmc is switched OFF, all Vana(i) (i=1 to 3) and Vdig
are set to their start-up default value (ON or OFF).
When a low level is applied on Pon signal, all registers are reset at their initial value and Pon
signal goes back to “1”.
3.2.7
I2C interface
The I2C interface controls power management and all programmable functions.
I2C is configured as slave serial interface compatible with I2C registered trademark of
Phillips Inc. (version 2.1).
I2C interface description
STw4510 I2C is a slave serial interface with a serial data line (SDA) and a serial clock line
(SCL)
SCL: input clock used to shift data
SDA: input/output bidirectional data transfers
It is composed of:
On filter to reject spikes on the bus data line and preserve data integrity
Bidirectional data transfers up to 400kbit/s (Fast-mode) via SDA signal
The SDA signal contains the input/output control and data signals that are shifted in the
device, MSB first. The first bit must be high (START) followed by the Device ID (7 bits) and
Read/Write bit control (1 indicates read access, a logical 0 indicates a write access).
Device ID:
Device ID in write mode: 5Ch (01011100)
Device ID in read mode: 5Dh (01011101)
STw4510 then sends an acknowledge at the end of an 8 bit transfer. The following 8-bits
correspond to the register address followed by another acknowledge. The 8-bit data field is
sent last and is also followed by a last acknowledge.
Table 7.
Device ID
b7
b6
b5
b4
b3
b2
b1
b0
AdrID6
AdrID5
AdrID4
AdrID3
AdrID2
AdrID1
AdrID0
R/W
Table 8.
Register address
b7
b6
b5
b4
b3
b2
b1
b0
RegADR7
RegADR6
RegADR5
RegADR4
RegADR3
RegADR2
RegADR1
RegADR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com