Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 3Page - STMicroelectronics STW4510 Datasheet HTML 4Page - STMicroelectronics STW4510 Datasheet HTML 5Page - STMicroelectronics STW4510 Datasheet HTML 6Page - STMicroelectronics STW4510 Datasheet HTML 7Page - STMicroelectronics STW4510 Datasheet HTML 8Page - STMicroelectronics STW4510 Datasheet HTML 9Page - STMicroelectronics STW4510 Datasheet HTML 10Page - STMicroelectronics STW4510 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Ball information
7/57
2
Ball information
The 6 mm x 6 mm package is useful for keeping all the selected value available for Vana(i)
(i=1 to 3), Vdig and Vsdc1.
When using the 4 mm x 4 mm package, Vdig is set to 1.2V, Vsdc1 output voltage is
controlled via I2C and Vana(i) have only one selection bit available instead of 2.
2.1
Ball connections in TFBGA84 6 mm x 6 mm package
2.2
Ball connections in TFBGA49 4 mm x 4 mm package
Table 1.
STw4510 ball connections in TFBGA84 6 mm x 6 mm x 1.2 mm package
1
2
3
4
5
6789
10
A
Clk32k_in
Gnd_Vsdc2
Vlx_Vsdc2
Vbat_Vsdc2
Vsdc2
Vdig
Vana1
Vana3
Vref_18
Vsdc1
B
“Reserved”
“Reserved”
Gnd_Vsdc2
Vbat_Vsdc2
Gnd_ana
Vbat_Vdig
Gnd_Vana1
_Vana3
“Reserved”
“Reserved”
Gnd_Vsdc1
C
“Reserved”
“Reserved”
Gnd_osc
Vlx_Vsdc2
Gnd_Vdig
Vbat_ana
Vbat_Vana1
_Vana3
Pon
Gnd_Vsdc1
Vlx_Vsdc1
D
Vbat_osc
“Reserved”
“Reserved”
Vlx_Vsdc1
Vbat_Vsdc1
Vbat_Vsdc1
E
Vsdc1_sel1
Gnd_Vana2
Reserved
F
Gnd_Vana2
Vbat_Vana2
Vana2
G
Gnd_IO
Vana1_sel1
VddIO
H
Pwren
SDA
Vana3_sel1
Vdig_sel1
Reserved
J
VddOK
Res_pro
Vbat_Vmmc
Vdig_sel0
SCL
Vana2_sel0
Vana3_sel0
Gnd_IO
Reserved
K
Sw_resetn
Vmmc
Vana1_sel0
Vsdc1_sel0
Vana2_sel1
Reserved
Table 2.
STw4510 ball connections in TFBGA49 4 mm x 4 mm x 1.2 mm package
12
3
4
5
6
7
A
Gnd_Vsdc2
Vlx_Vsdc2
Vbat_Vsdc2
Gnd_ana
Vdig
Vbat_vdig
Vbat_vana1_
vana3
B
Gnd_Vsdc2
Vlx_Vsdc2
Vbat_Vsdc2
Vsdc2
Vbat-ana
Vana1
Vana3
C
Reserved
Reserved
Clk32k_in
Reserved
Pon
Gnd_Vsdc1
Gnd_Vsdc1
D
Gnd_osc
Reserved
Reserved
Vref_18
Vsdc1
Vlx_Vsdc1
Vlx_Vsdc1
E
Vbat_osc
Reserved
VddOK
Vana1_sel<0>
Reserved
Vbat_Vsdc1
Vbat_Vsdc1
F
Res_pro
SW_Reset
Pwren
SDA
Vana2_
sel<0>
Vana3_
sel<0>
Vminus
G
Vbat_mmc
Vmmc
SCL
Vana2
Vbat_ana2
VddIO
Vminus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com