Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 10Page - STMicroelectronics STW4510 Datasheet HTML 11Page - STMicroelectronics STW4510 Datasheet HTML 12Page - STMicroelectronics STW4510 Datasheet HTML 13Page - STMicroelectronics STW4510 Datasheet HTML 14Page - STMicroelectronics STW4510 Datasheet HTML 15Page - STMicroelectronics STW4510 Datasheet HTML 16Page - STMicroelectronics STW4510 Datasheet HTML 17Page - STMicroelectronics STW4510 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional description
STw4510
14/57
3.2
Digital control module
This module describes the interfaces used to program the device and the related registers.
3.2.1
State machine
Each state is described here below and represented in
Figure 2
OFF: In this mode the STw4510 is switched off. Off is when Pon signal = “0”, when battery
level is below 2.4V or when thermal shutdown is activated (in this particular case: not a
permanent state). There is no power supply. The only active cell is the Vbat level detection.
OSC_START: Oscillator is enabled and the power up module is waiting for the rising edge of
the internal signal ‘Osc_OK’ to start power up sequence. This state duration is 300 µs.
START_BIAS: Bias, reference and thermal shut-down are enabled, a counter is activated to
wait for rising edge of internal signals ‘pdn_regulators’. This state duration has a typical
value of 7.8 ms and a worst case value of 9.46 ms.
START_PM: soft start period, during this state, Vdig, Vsdc2 progressively reach their final
values. At the end of this state, processor power supplies (Vdig, Vsdc2) are available,
internal signal ‘pdn_ls’ is set to 1 and then the device can allow I2C communication, output
power supply monitoring and application. Typical duration of this state is 0.67ms and never
goes over than the maximum duration of 1 ms.
OFF2: STw4510 is waiting for the 32 kHz processor signal. This state has an indeterminate
duration. (if 32 kHz is present during the states describes above, it has no effect on
STw4510 behavior, 32 kHz signal is taking in account by STw4510 at the end of START_PM
state, the duration of this state is 0.4 ms minimum).
RESET: STw4510 forces a reset during 36*1/32 kHz period (duration of 1.13ms) before
setting Res_pro signal high. This signal Res_pro is high if Pon is high and 32kHz clock
available.
SLEEP & Vsdc1_OFF: Sleep mode (
Section 3.2.3) and Vsdc1_OFF mode (Section 3.2.4)
are required by processor by setting Pwren signal at low level. Then VddOK signal is forced
to “0”, Step Down DC/DC converter Vsdc2, and LDO Vana_i (i = 1 to 3) switch to sleep
mode, SMPS converter Vsdc1 switches off and wait for Pwren signal at high level
(
Figure 3).
WAKE-UP: From sleep mode and Vsdc1_OFF, the processor requests to switch back to
high power mode (HPM) and ON mode for Vsdc1 by setting Pwren to high level. Thus the
device switches regulators from Low power mode (sleep) to high power mode and informs
processor with VddOK signal at high level (
Figure 3).
Note:
Sleep mode has no effect on Vdig nor Vmmc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com