Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 40Page - STMicroelectronics STW4510 Datasheet HTML 41Page - STMicroelectronics STW4510 Datasheet HTML 42Page - STMicroelectronics STW4510 Datasheet HTML 43Page - STMicroelectronics STW4510 Datasheet HTML 44Page - STMicroelectronics STW4510 Datasheet HTML 45Page - STMicroelectronics STW4510 Datasheet HTML 46Page - STMicroelectronics STW4510 Datasheet HTML 47Page - STMicroelectronics STW4510 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical and timing characteristics
STw4510
44/57
Vdig
Table 22.
LDO regulator - Vdig
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
Vdig regulator in high power mode (pdn_vdig = 1); Otherwise specified Vin = Vsdc2 (1.8 V)
VIN
Vsdc2 input power
supply
Vdig = 1 V/1.2 V
-3%
1.8
+3%
V
VBAT input power supply Vdig = 1.5 V
2.7
3.6
5.5
V
VOUT
Output voltage
Vdig_sel[1:0] pads
00
01
10
-3 %
1.0
1.2
1.5
+3 %
V
IOUT
(1)
Output current
Vdig: 1 V
100
mA
Vdig: 1.2 V/1.5 V
250
mA
ISHORT
(1)
Short-circuit limitation
330
800
mA
IQ
(2)
Quiescent current
IOUT = 0 mA
43
µA
ILKG
Power-down current
1.5
µA
TR
Rising time
(10 % to 90 %)
Vdig = 1.2 V
IOUT = 10 mA
0.7
ms
Lir
Line regulation
VBAT: [2.7; 5.5] V
10
mV
Ldr
Load regulation
IOUT: [0.1; 250] mA
10
mV
Lirt
Transient line regulation
Vdig = 1.2 V
IOUT = 150 mA
Δ VBAT= 300 mV
tR = tF = 10 µs
1mV
Ldrt
Transient load regulation
Vdig = 1.2 V
IOUT= [1; 250] mA
tR = tF = 1 µs
40
mV
1.
Guaranteed by design
2.
Quiescent current defined is the current measured on the power supply voltage dedicated to the Vdig



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com