Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 16Page - STMicroelectronics STW4510 Datasheet HTML 17Page - STMicroelectronics STW4510 Datasheet HTML 18Page - STMicroelectronics STW4510 Datasheet HTML 19Page - STMicroelectronics STW4510 Datasheet HTML 20Page - STMicroelectronics STW4510 Datasheet HTML 21Page - STMicroelectronics STW4510 Datasheet HTML 22Page - STMicroelectronics STW4510 Datasheet HTML 23Page - STMicroelectronics STW4510 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional description
STw4510
20/57
3.2.8
Control registers
Control registers have the following functions:
–
Manage high power, sleep and power down modes.
–
Control the state machine
Switch ON/OFF control of LDO’s can be done by I2C for Vana(i) and Vmmc. Two commands
exist to turn ON/OFF the LDO’s, one is pdn_Vxxx and the other one is en_Vxxx (Vxxx
takes place of Vana1/2/3 or Vmmc); these commands have been put in different registers
and the pdn_Vxxx has a easier accessibility than en_Vxxx that needs to program the two
following registers 1F and 1E.
These two commands control the same LDO’s and a logical OR had been design between
these bits.
Figure 7.
LDO ON/OFF control
Note:
In the following tables, please set the bits noted “not used” or “reserved” at 0 when
programming the registers.
> 1
pdn_Vxxx
En_Vxxx
LDO ON/OFF control
Table 10.
Register general information
Address
Type
Comment
00h, 01h, 02h
Reserved
03h
R
STw4510 version ID
10h
R/W
Application control register 1
11h
R/W
Application control register 2
12h to 1Dh
Test registers
1Eh to 1Fh
R/W
Power control registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com