Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 1 Page - STMicroelectronics

  STW4510 Datasheet HTML 1Page - STMicroelectronics STW4510 Datasheet HTML 2Page - STMicroelectronics STW4510 Datasheet HTML 3Page - STMicroelectronics STW4510 Datasheet HTML 4Page - STMicroelectronics STW4510 Datasheet HTML 5Page - STMicroelectronics STW4510 Datasheet HTML 6Page - STMicroelectronics STW4510 Datasheet HTML 7Page - STMicroelectronics STW4510 Datasheet HTML 8Page - STMicroelectronics STW4510 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
March 2008
Rev 1
1/57
1
STw4510
2 step-down DC/DC converters / 5 LDO power management
Features
■ 2 Step-down converters
– Vsdc1: 1 to 1.5 V with
. 15 steps at 600 mA (I2C control available)
. Programmable start-up value
(1.2V by default)
– Vsdc2: 1.8 V at 600 mA for general
purpose usage
■ 5 Low-drop output regulators for different uses
– Vdig: 1.0V (100mA), 1.2V, 1.5V (250 mA)
. Can be supplied by Vsdc2 to minimize the
voltage drop
. Programmable start-up value
(1.2V by default)
– Vana1: 1.5, 1.8, 2.5, 2.8 V - 150 mA
– Vana2: 1.8, 2.8, 3.0, 3.3 V - 150 mA
– Vana3: 1.8, 2.8, 3.0, 3.3 V - 150 mA
– Vmmc: 1.8, 2.5, 2.85, 3.0 V - 150mA
■ Miscellaneous
– Vana(i) have programmable start-up output
voltage and ON or OFF (default) status
– 32 kHz input used for state machine
– Processor supply monitoring
– Processor reset control
– Control by serial I2C interface
– Thermal shutdown
Applications
■ Any portable application
– Mobile phones
– Personal digital assistants (PDA)
– Portable media players
Description
STw4510 is a 7-channel integrated power
management device for application powered by
one Li-Ion or Li-Polymer cell. STw4510 embeds 2
highly efficient step-down DC/DC converters and
5 LDO regulators.
It has been designed to typically supply portable
processor and its peripherals. Thanks to the
multiple output voltages, high current capability
and programmable start-up value, it can easily
adapt to various applications.
TFBGA84 6 mm x 6 mm x 1.2 mm 0.5 mm pitch
TFBGA49 4 mm x 4 mm x 1.2 mm 0.5 mm pitch
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STW4510

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW45N60DM2AG STMICROELECTRONICS-STW45N60DM2AG Datasheet
399Kb / 12P
Automotive-grade N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-247 package
03-Jul-2015
STW45N60DM6 STMICROELECTRONICS-STW45N60DM6 Datasheet
331Kb / 15P
N-channel 600 V, 0.085 Ω typ., 30 A MDmesh DM6 Power MOSFETs in TO-220 and TO-247 packages
July 2020
STW45N65M5 STMICROELECTRONICS-STW45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
05-Mar-2013
STW45N65M5 STMICROELECTRONICS-STW45N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 35 A, 0.067 Ω typ., MDmesh™ V Power MOSFETs in TO-3PF, TO-247 and TO-247 long leads packages
09-May-2014
logo
Inchange Semiconductor ...
STW45N65M5 ISC-STW45N65M5 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW4510

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
PWM Controlled, Step down DC/DC Converters
logo
STMicroelectronics
STW4410 STMICROELECTRONICS-STW4410 Datasheet
113Kb / 4P
2 Step down DC/DC converter/4 LDO/MMC interface power management
22-Dec-2006
logo
Power Analog Micoelectr...
PAM2301 PAM-PAM2301 Datasheet
902Kb / 13P
800mA Step-Down DC-DC Converters
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
1A Step-Down DC-DC Converters
logo
Rohm
BP5220A ROHM-BP5220A_10 Datasheet
555Kb / 9P
Step-down DC/DC Converters(Non-isolated)
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
2A Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
Step-Down DC-DC Converters
Rev 1; 10/13
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
Step-Down DC-DC Converters
Rev 2; 12/13
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
500mA Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com