Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 12Page - STMicroelectronics STW4510 Datasheet HTML 13Page - STMicroelectronics STW4510 Datasheet HTML 14Page - STMicroelectronics STW4510 Datasheet HTML 15Page - STMicroelectronics STW4510 Datasheet HTML 16Page - STMicroelectronics STW4510 Datasheet HTML 17Page - STMicroelectronics STW4510 Datasheet HTML 18Page - STMicroelectronics STW4510 Datasheet HTML 19Page - STMicroelectronics STW4510 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional description
STw4510
16/57
Figure 3.
Switching from high power mode to sleep/Vsdc1_OFF mode
3.2.2
POWER OFF / VddOK
●
In case of VddOK falling edge (under voltage on Vsdc1, Vsdc2 detected), the
processor is reset (Res_pro low during 1.8 ms minimum) and started again with no
time-out. (See
Figure 4)
●
In case of VddOK falling down edge (under Pwren falling edge) the processor is not
reset (Res_pro keeps its high level)
●
In case of Pon falling edge (switch off of STw4510 from the main processor), the
processor is also reset with no time-out. It is considered that clean switch off between
modem and processor is done by software directly.
t0
Internal_osc
Pdn_regulator
(int. signal)
VddOK
Clock32K_in
PWREN
Vdig @ 1.2V
Vsdc1 @ 1.2V
Vsdc2 @ 1.8V
Vana[i] & Vmmc
controlled by I2C
Voutputs
STw4510
Vdig @ 1.2V still active
Vsdc1 in OFF state
Vsdc2 @ 1.8V in SLEEP mode (low
current capability)
Vana[i] in SLEEP mode (low current capability)
Vmmc not affected by sleep mode
Vsdc1 @ 1.2V,
available after
stabilization time
Vdig @ 1.2V still active
Vsdc2 @ 1.8V
1ms max
SLEEP / OFF controlled by PWREN
HPM
HPM
PM00128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com